Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38691DT-3.3 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38691DT-3.3
Description  500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38691DT-3.3 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP38691DT-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LP38691DT-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LP38691DT-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP38691DT-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP38691DT-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP38691DT-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP38691DT-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP38691DT-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP38691DT-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Connection Diagrams
20126503
TO-252, Top View
LP38691DT-X.X
20126504
SOT-223, Top View
LP38693MP-X.X
20126505
6-Lead LLP, Bottom View
LP38691SD-X.X
20126506
6-Lead LLP, Bottom View
LP38693SD-X.X
Pin Description
PIN
DESCRIPTION
V
IN
This is the input supply voltage to the regulator. For LLP devices, both V
IN pins must be tied
together for full current operation (250mA maximum per pin).
GND
Circuit ground for the regulator. This is connected to the die through the lead frame, and also
functions as the heat sink when the large ground pad is soldered down to a copper plane.
SNS
Output sense pin allows remote sensing at the load which will eliminate the error in output
voltage due to voltage drops caused by the resistance in the traces between the regulator and
the load. This pin must be tied to V
OUT.
V
EN
The enable pin allows the part to be turned ON and OFF by pulling this pin high or low.
V
OUT
Regulated output voltage
Ordering Information
Order Number
Package Marking
Package Type
Package Drawing
Supplied As
LP38691SD-1.8
L118B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38691SD-2.5
L119B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38691SD-3.3
L120B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38691SD-5.0
L121B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38691DT-1.8
LP38691DT-1.8
TO-252
TD03B
Available Soon
LP38691DT-2.5
LP38691DT-2.5
TO-252
TD03B
Available Soon
LP38691DT-3.3
LP38691DT-3.3
TO-252
TD03B
Available Soon
LP38691DT-5.0
LP38691DT-5.0
TO-252
TD03B
Available Soon
LP38693SD-1.8
L128B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38693SD-2.5
L129B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38693SD-3.3
L130B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38693SD-5.0
L131B
6-Lead LLP
SDE06A
1000 Units Tape and Reel
LP38693MP-1.8
LJVB
SOT-223
MP05A
1000 Units Tape and Reel
www.national.com
2


Similar Part No. - LP38691DT-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38691DT-3.3 TI1-LP38691DT-3.3 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691DT-3.3 TI-LP38691DT-3.3 Datasheet
1Mb / 27P
[Old version datasheet]    500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691DT-3.3 TI-LP38691DT-3.3 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691DT-3.3/NOPB TI1-LP38691DT-3.3/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
More results

Similar Description - LP38691DT-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]    500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691DTX-5.0 TI-LP38691DTX-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5.0 TI-LP38693MP-5.0 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38691SD-3.3 TI-LP38691SD-3.3 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
LP38693MP-5 TI1-LP38693MP-5 Datasheet
1Mb / 27P
[Old version datasheet]   LP38693 500mA Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ_10 Datasheet
399Kb / 14P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_14 Datasheet
1Mb / 22P
[Old version datasheet]   500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38691-ADJ NSC-LP38691-ADJ Datasheet
750Kb / 13P
   500mA Low Dropout CMOS Linear Regulators with Adjustable Output / Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38693SD-ADJ TI1-LP38693SD-ADJ Datasheet
1Mb / 22P
[Old version datasheet]   LP38693-ADJ 500mA Low Dropout CMOS Linear Regulators with Adjustable Output Stable with Ceramic Output Capacitors
LP38692MP-3.3 TI1-LP38692MP-3.3 Datasheet
1Mb / 28P
[Old version datasheet]   1A Low Dropout CMOS Linear Regulators Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com