Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFF150AS33 Datasheet(PDF) 3 Page - Power Semiconductors

Part # AFF150AS33
Description  FAST RECOVERY DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AFF150AS33 Datasheet(HTML) 3 Page - Power Semiconductors

  AFF150AS33 Datasheet HTML 1Page - Power Semiconductors AFF150AS33 Datasheet HTML 2Page - Power Semiconductors AFF150AS33 Datasheet HTML 3Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AFF150A FAST RECOVERY DIODE
FINAL SPECIFICATION
apr 17 - ISSUE : 1
Distributed by
All the characteristics given in this data sheet are guaranteed only with uniform clamping force,
cleaned and lubricated heatsink, surfaces with flatness < .03 mm and roughness < 2 µm.
In the interest of product improvement POSEICO SPA reserves the right to change any data given
in this data sheet at any time without previous notice.
If not stated otherwise the
maximum value of ratings (simbols over shaded background) and
characteristics is reported.
0,0
20,0
40,0
60,0
80,0
100,0
120,0
0,001
0,1
10
t[s]
TRANSIENT THERMAL IMPEDANCE
0
0,5
1
1,5
2
2,5
3
1
10
100
n
° cycles
SURGE CHARACTERISTIC
Tj = 125 °C
0
50
100
150
200
250
300
0,75
1,25
1,75
2,25
2,75
3,25
3,75
On-state Voltage [V]
ON-STATE CHARACTERISTIC
Tj = 125 °C


Similar Part No. - AFF150AS33

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AFF150 POSEICO-AFF150 Datasheet
289Kb / 3P
   FAST RECOVERY DIODE
AFF150K POSEICO-AFF150K Datasheet
297Kb / 3P
   FAST RECOVERY DIODE
AFF150KS33 POSEICO-AFF150KS33 Datasheet
297Kb / 3P
   FAST RECOVERY DIODE
AFF150S33 POSEICO-AFF150S33 Datasheet
289Kb / 3P
   FAST RECOVERY DIODE
More results

Similar Description - AFF150AS33

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com