Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFF350KS45 Datasheet(PDF) 2 Page - Power Semiconductors

Part # AFF350KS45
Description  FAST RECOVERY DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

AFF350KS45 Datasheet(HTML) 2 Page - Power Semiconductors

  AFF350KS45 Datasheet HTML 1Page - Power Semiconductors AFF350KS45 Datasheet HTML 2Page - Power Semiconductors AFF350KS45 Datasheet HTML 3Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Thermal impedance FAST DIODE MODULE
FINAL SPECIFICATION
apr 17 - ISSUE : 2
SWITCHING CHARACTERISTICS
0
100
200
300
400
500
600
700
800
900
1000
0
200
400
600
800
1000
di/dt [A/µs]
REVERSE RECOVERY CHARGE
Tj = 125 °C
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0
200
400
600
800
1000
di/dt [A/µs]
REVERSE RECOVERY CURRENT
Tj = 125 °C
0
10
20
30
40
50
60
70
80
0
250
500
750
1000
1250
1500
di/dt [A/µs]
FORWARD RECOVERY VOLTAGE
IF
VFR
VF
ta
ta = Irr / (di/dt)
tb = trr - ta
Softness (s factor) s = tb / ta
Energy dissipation during recovery Er = Vr · (Qrr - Irr ·ta / 2
)
Irr
Vr
tb
IF
d i/d t
1000 A
1000 A
Tj =125 °C


Similar Part No. - AFF350KS45

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
AFF350 POSEICO-AFF350 Datasheet
290Kb / 3P
   FAST RECOVERY DIODE
AFF350A POSEICO-AFF350A Datasheet
292Kb / 3P
   FAST RECOVERY DIODE
AFF350AS45 POSEICO-AFF350AS45 Datasheet
292Kb / 3P
   FAST RECOVERY DIODE
AFF350S45 POSEICO-AFF350S45 Datasheet
290Kb / 3P
   FAST RECOVERY DIODE
More results

Similar Description - AFF350KS45

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com