Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADD480HVI Datasheet(PDF) 2 Page - Power Semiconductors

Part # ADD480HVI
Description  RECTIFIER DIODES MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ADD480HVI Datasheet(HTML) 2 Page - Power Semiconductors

  ADD480HVI Datasheet HTML 1Page - Power Semiconductors ADD480HVI Datasheet HTML 2Page - Power Semiconductors ADD480HVI Datasheet HTML 3Page - Power Semiconductors ADD480HVI Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ADD480HVI RECTIFIER DIODES MODULE
FINAL SPECIFICATION
Mar. 17 - Issue: 3
DISSIPATION CHARACTERISTICS
SQUARE WAVE
DC
180°
120°
90°
60°
30°
40
60
80
100
120
140
160
0
200
400
600
800
1000
Tc [°C]
IF(AV) [A]
DC
180°
120°
90°
60°
30°
0
200
400
600
800
1000
1200
1400
1600
0
100
200
300
400
500
600
700
800
900
PF(AV) [W]
IF(AV) [A]


Similar Part No. - ADD480HVI

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ADD480 POSEICO-ADD480 Datasheet
200Kb / 4P
   RECTIFIER DIODES MODULE
ADD480S45 POSEICO-ADD480S45 Datasheet
200Kb / 4P
   RECTIFIER DIODES MODULE
More results

Similar Description - ADD480HVI

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ADS1000 POSEICO-ADS1000 Datasheet
153Kb / 4P
   RECTIFIER DIODES MODULE
ADD805 POSEICO-ADD805 Datasheet
167Kb / 4P
   RECTIFIER DIODES MODULE
AZD610HVI POSEICO-AZD610HVI Datasheet
142Kb / 4P
   RECTIFIER DIODES MODULE
AZD780HVI POSEICO-AZD780HVI Datasheet
142Kb / 4P
   RECTIFIER DIODES MODULE
AZD1600 POSEICO-AZD1600 Datasheet
141Kb / 4P
   RECTIFIER DIODES MODULE
ADD360HVI POSEICO-ADD360HVI Datasheet
184Kb / 4P
   RECTIFIER DIODES MODULE
AZD1080 POSEICO-AZD1080 Datasheet
140Kb / 4P
   RECTIFIER DIODES MODULE
AZD1280 POSEICO-AZD1280 Datasheet
141Kb / 4P
   RECTIFIER DIODES MODULE
ADD700 POSEICO-ADD700 Datasheet
168Kb / 4P
   RECTIFIER DIODES MODULE
ADD605 POSEICO-ADD605 Datasheet
167Kb / 4P
   RECTIFIER DIODES MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com