Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY171300W Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # CNY171300W
Description  Phototransistor Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY171300W Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button CNY171300W Datasheet HTML 6Page - Fairchild Semiconductor CNY171300W Datasheet HTML 7Page - Fairchild Semiconductor CNY171300W Datasheet HTML 8Page - Fairchild Semiconductor CNY171300W Datasheet HTML 9Page - Fairchild Semiconductor CNY171300W Datasheet HTML 10Page - Fairchild Semiconductor CNY171300W Datasheet HTML 11Page - Fairchild Semiconductor CNY171300W Datasheet HTML 12Page - Fairchild Semiconductor CNY171300W Datasheet HTML 13Page - Fairchild Semiconductor CNY171300W Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
www.fairchildsemi.com
CNY17-1, CNY17-3, CNY17-2, CNY17-4 Rev. 1.0.2
Ordering Information
Option
Black Package
(No Suffix)
White Package
(-M Suffix)
Description
Order Entry Identifier
S.SS
Surface Mount Lead Bend
SD
.SD
SR2
Surface Mount; Tape and reel
W.WT
0.4" Lead Spacing
300
.300
V
VDE 0884
300W
.300W
TV
VDE 0884, 0.4" Lead Spacing
3S
.3S
SV
VDE 0884, Surface Mount
3SD
.3SD
SR2V
VDE 0884, Surface Mount, Tape & Reel
Carrier Tape Specifications (Black Package, No Suffix)
4.0
± 0.1
Ø1.55
± 0.05
User Direction of Feed
4.0
± 0.1
1.75
± 0.10
7.5
± 0.1
16.0
± 0.3
12.0
± 0.1
0.30
± 0.05
13.2
± 0.2
4.85
± 0.20
0.1 MAX
10.30
± 0.20
9.55
± 0.20
Ø1.6
± 0.1
Carrier Tape Specifications (White Package, -M Suffix)
4.0
± 0.1
Ø1.5 MIN
User Direction of Feed
2.0
± 0.05
1.75
± 0.10
11.5
± 1.0
24.0
± 0.3
12.0
± 0.1
0.30
± 0.05
21.0
± 0.1
4.5
± 0.20
0.1 MAX
10.1
± 0.20
9.1
± 0.20
Ø1.5
± 0.1/-0


Similar Part No. - CNY171300W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY171 FAIRCHILD-CNY171 Datasheet
583Kb / 15P
   Phototransistor Optocouplers
CNY171 FAIRCHILD-CNY171 Datasheet
589Kb / 15P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
583Kb / 15P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
589Kb / 15P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
More results

Similar Description - CNY171300W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com