Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1541 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # LH1541
Description  High Voltage Solid State Relays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH1541 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button LH1541 Datasheet HTML 6Page - Siemens Semiconductor Group LH1541 Datasheet HTML 7Page - Siemens Semiconductor Group LH1541 Datasheet HTML 8Page - Siemens Semiconductor Group LH1541 Datasheet HTML 9Page - Siemens Semiconductor Group LH1541 Datasheet HTML 10Page - Siemens Semiconductor Group LH1541 Datasheet HTML 11Page - Siemens Semiconductor Group LH1541 Datasheet HTML 12Page - Siemens Semiconductor Group LH1541 Datasheet HTML 13Page - Siemens Semiconductor Group LH1541 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Absolute Maximum Ratings TA=25°C
Stresses in excess of the Absolute Maximum Ratings can
cause permanent damage to the device. These are absolute
stress ratings only. Functional operation of the device is not
implied at these or any other conditions in excess of those
given in the operational sections of this document. Exposure
to Absolute Maximum Ratings for extended periods of time
can adversely affect reliability.
* 5300 Vrms input/output isolation voltage available on some products. Consult factory.
† Refer to Current-Limit Performance Application Note for a discussion on relay operation during transient currents
Parameter
Symbol
Test Conditions
LH1530
LH1535/
LH1540
LH1541
LH1550
Units
Ambient Operating
Temperature Range
TA
–40 to +85
–40 to +85
–40 to +85
–40 to + 85
°C
Storage Temperature Range
Tstg
–40 to +150 –40 to +150 –40 to +150 –40 to +150
°C
Pin Soldering Temperature
TS
t=10 s max
260
260
260
260
°C
Input/Output Isolation Voltage*
VISO
3750
3750
3750
3750
Vrms
LED Continuous Forward
Current
IF
—50
50
50
50
mA
LED Reverse Voltage
VR
IR £ 10 mA8
8
8
5
V
dc or Peak ac Load Voltage
VL
IL £ 50 mA
350
400/350
200
350
V
Continuous dc Load Current
Bidirectional Operation
Unidirectional Operation
IL
150
250
120
250
55
100
mA
mA
Peak Load Current
IP
t=100 ms
(single shot)
400
100
mA
Output Power Dissipation
(continuous)
PDISS
550
550
550
550
mW
LH1530, LH1535, LH1540
LH1541, LH1550
1 Form A
Recommended Operating Conditions
120
90
60
30
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
0
150
IFON =
5 mA to 20 mA
LH1530
IFON = 2 mA
IFON = 4 mA
IFON = 3 mA
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
50
20
10
30
0
40
IFON = 2 mA
IFON = 3 mA
IFON = 4 mA
IFON = 5 mA
to 20 mA
LH1541
80
60
0
40
120
100
20
–40
–20
0
20
40
60
80
IFON =
5 mA to 20 mA
IFON = 2 mA
IFON = 3 mA
IFON = 4 mA
LH1540
AMBIENT TEMPERATURE (
°C)
LH15
100
80
60
40
20
0
–40
–20
0
20
40
60
80
AMBIENT TEMPERATURE (C
°)
IF = 1.5 mA
IF = 3.75 mA
IF = 4.5 mA
TO 20 mA
LH1550
Siemens Microelectronics, Inc. • Optoelectronics Division
www.smi.siemens.com/opto/
10 of 20
October 1998


Similar Part No. - LH1541

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1541AAB1 VISHAY-LH1541AAB1 Datasheet
389Kb / 5P
   1 Form A Solid State Relay(Low Capacitance)
Revision 17-August-01
LH1541AAB1 VISHAY-LH1541AAB1 Datasheet
141Kb / 8P
   1 Form A Solid State Relay (Low Capacitance)
Rev. 1.4, 05-Oct-06
LH1541AAB1TR VISHAY-LH1541AAB1TR Datasheet
389Kb / 5P
   1 Form A Solid State Relay(Low Capacitance)
Revision 17-August-01
LH1541AAB1TR VISHAY-LH1541AAB1TR Datasheet
141Kb / 8P
   1 Form A Solid State Relay (Low Capacitance)
Rev. 1.4, 05-Oct-06
LH1541AAB1 VISHAY-LH1541AAB1_06 Datasheet
141Kb / 8P
   1 Form A Solid State Relay (Low Capacitance)
Rev. 1.4, 05-Oct-06
More results

Similar Description - LH1541

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com