Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61LV12816-12BI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61LV12816-12BI
Description  128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV12816-12BI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61LV12816-12BI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61LV12816-12BI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV12816-12BI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV12816-12BI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV12816-12BI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV12816-12BI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV12816-12BI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV12816-12BI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV12816-12BI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IS61LV12816
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
Rev. A
11/30/00
ISSI®
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0°C to + 70°C
3.3V ± 10%
Industrial
–40°C to + 85°C
3.3V ± 10%
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage(1)
2VCC + 0.3
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND - VIN - VCC
–11
µA
ILO
Output Leakage
GND - VOUT - VCC, Outputs Disabled
–11
µA
Note:
1. VIL (min.) = –0.3V DC; VIL (min.) = –2.0V AC (pulse width - 2.0 ns).
VIH (max.) = VCC + 0.3V DC; VIH (max.) = VCC + 2.0V AC (pulse width - 2.0 ns).
PIN DESCRIPTIONS
A0-A16
Address Inputs
I/O0-I/O15
Data Inputs/Outputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
LB
Lower-byte Control (I/O0-I/O7)
UB
Upper-byte Control (I/O8-I/O15)
NC
No Connection
Vcc
Power
GND
Ground
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage Relative to GND
–0.5 to 5.0
V
VTERM
Terminal Voltage with Respect to GND
–0.5 to Vcc + 0.5
V
TSTG
Storage Temperature
–65 to + 150
°C
TBIAS
Temperature Under Bias:
Com.
–10 to + 85
°C
Ind.
–45 to + 90
°C
PT
Power Dissipation
2.0
W
IOUT
DC Output Current
±20
mA
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these or
any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.


Similar Part No. - IS61LV12816-12BI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV12816-12BI ICSI-IS61LV12816-12BI Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61LV12816-12BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV12816L ISSI-IS61LV12816L Datasheet
112Kb / 16P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816 ISSI-IS61LV12816 Datasheet
59Kb / 12P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12824 ISSI-IS61LV12824 Datasheet
77Kb / 13P
   128K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV12816BLL ISSI-IS61WV12816BLL Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C12816 ISSI-IS61C12816 Datasheet
102Kb / 8P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61LV12816 ICSI-IS61LV12816 Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV6416L ISSI-IS64LV6416L Datasheet
89Kb / 14P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com