Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17-13S Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # CNY17-13S
Description  Phototransistor Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY17-13S Datasheet(HTML) 1 Page - Fairchild Semiconductor

  CNY17-13S Datasheet HTML 1Page - Fairchild Semiconductor CNY17-13S Datasheet HTML 2Page - Fairchild Semiconductor CNY17-13S Datasheet HTML 3Page - Fairchild Semiconductor CNY17-13S Datasheet HTML 4Page - Fairchild Semiconductor CNY17-13S Datasheet HTML 5Page - Fairchild Semiconductor CNY17-13S Datasheet HTML 6Page - Fairchild Semiconductor CNY17-13S Datasheet HTML 7Page - Fairchild Semiconductor CNY17-13S Datasheet HTML 8Page - Fairchild Semiconductor CNY17-13S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2004 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
July 2005
CNY17-1, CNY17-3, CNY17-2, CNY17-4 Rev. 1.0.2
CNY17-1, CNY17-3, CNY17-2, CNY17-4
Phototransistor Optocouplers
Features
■ CNY17-1/2/3 are also available in white package by
specifying -M suffix (eg. CNY17-2-M)
■ UL recognized (File # E90700)
■ VDE recognized
– 102497 for white package
– Add option V for white package (e.g., CNY17-2V-M)
– File #102497
– Add option ‘300’ for black package (e.g., CNY17-2.300)
– File #94766
■ Current transfer ratio in select groups
■ High BVCEO—70V minimum
Applications
■ Power supply regulators
■ Digital logic inputs
■ Microprocessor inputs
■ Appliance sensor systems
■ Industrial controls
Description
The CNY17 series consists of a Gallium Arsenide IRED
coupled with an NPN phototransistor.
White Package (-M Suffix)
Black Package (No -M Suffix)
Schematic
6
1
6
1
6
1
6
1
6
6
1
1
1
2
6
5 COL
4 EMITTER
BASE
ANODE
CATHODE
3


Similar Part No. - CNY17-13S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-1 VISHAY-CNY17-1 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
logo
Lite-On Technology Corp...
CNY17-1 LITEON-CNY17-1 Datasheet
169Kb / 9P
   High collector-emitter voltage
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
CNY17-1 ETC2-CNY17-1 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
228Kb / 11P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - CNY17-13S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com