Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79RV4700-150GH Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT79RV4700-150GH
Description  64-Bit RISC Microprocessor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RV4700-150GH Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT79RV4700-150GH Datasheet HTML 1Page - Integrated Device Technology IDT79RV4700-150GH Datasheet HTML 2Page - Integrated Device Technology IDT79RV4700-150GH Datasheet HTML 3Page - Integrated Device Technology IDT79RV4700-150GH Datasheet HTML 4Page - Integrated Device Technology IDT79RV4700-150GH Datasheet HTML 5Page - Integrated Device Technology IDT79RV4700-150GH Datasheet HTML 6Page - Integrated Device Technology IDT79RV4700-150GH Datasheet HTML 7Page - Integrated Device Technology IDT79RV4700-150GH Datasheet HTML 8Page - Integrated Device Technology IDT79RV4700-150GH Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4 of 25
April 10, 2001
IDT79R4700
occurrence of an interlock or stall, a required number of processor
internal cycles must occur between an integer multiply or divide and a
subsequent MFHI or MFLO operation.
Floating-Point Co-Processor
Floating-Point Co-Processor
Floating-Point Co-Processor
Floating-Point Co-Processor
The RC4700 incorporates a complete floating-point co-processor on
chip and includes a floating-point register file and execution units. The
floating-point co-processor forms a “seamless” interface with the integer
unit, decoding and executing instructions in parallel with the integer unit.
Floating-Point Units
Floating-Point Units
Floating-Point Units
Floating-Point Units
The RC4700 floating-point execution units support single and double
precision arithmetic, as specified in the IEEE Standard 754. The execu-
tion unit is separated into a multiply unit and a combined add/convert/
divide/square root unit. Overlap of multiplies and add/subtract is
supported. The multiplier is partially pipelined, allowing a new multiply to
begin every four cycles.
The RC4700 maintains fully precise floating-point exceptions while
allowing both overlapped and pipelined operations. Precise exceptions
are extremely important in mission-critical environments and highly
desirable for debugging in any environment.
The floating-point unit operation’s set includes floating-point add,
subtract, multiply, divide, square root, conversion between fixed-point
and floating-point format, conversion among floating-point formats and
floating-point compare. These operations comply with the IEEE Stan-
dard 754.
Table 1 lists the latencies of some of the floating-point instructions in
internal processor cycles. Note that multiplies are pipelined so that a
new multiply can be initiated every four pipeline cycles
Floating-Point General Register File
Floating-Point General Register File
Floating-Point General Register File
Floating-Point General Register File
The floating-point register file is made up of thirty-two 64-bit regis-
ters. With the LDC1 and SDC1 instructions the floating-point unit can
take advantage of the 64-bit wide data cache and issue a co-processor
load or store doubleword instruction in every cycle.
The floating-point control register space contains two registers: one
for determining configuration and revision information for the copro-
cessor and one for control and status information. These are primarily
involved with diagnostic software, exception handling, state saving and
restoring, and control of rounding modes.
Operation
32-bit
64-bit
MULT
6 - 9
7 - 10
DIV
42
74
System Control Co-processor (CP0)
System Control Co-processor (CP0)
System Control Co-processor (CP0)
System Control Co-processor (CP0)
The system control co-processor in the MIPS architecture is respon-
sible for the virtual memory sub-system, the exception control system
and the diagnostics capability of the processor. In the MIPS architec-
ture, the system control co-processor (and thus the kernel software) is
implementation dependent.
System Control Co-Processor Registers
System Control Co-Processor Registers
System Control Co-Processor Registers
System Control Co-Processor Registers
The RC4700 incorporates all system control co-processor (CP0)
registers, on-chip. These registers (shown in Figure 1 on page 2)
provide the path through which the virtual memory system’s page
mapping is examined and changed, exceptions are handled and oper-
ating modes are controlled (kernel vs. user mode, interrupts enabled or
disabled, cache features). In addition, to aid in cache diagnostic testing
and assist in data error detection, the RC4700 includes registers to
implement a real-time cycle counting facility.
Virtual-to-Physical Address Mapping
Virtual-to-Physical Address Mapping
Virtual-to-Physical Address Mapping
Virtual-to-Physical Address Mapping
To establish a secure environment for user processing, the RC4700
provides the user, supervisor, and kernel modes of virtual addressing,
available to system software. Bits in a status register determine which
virtual addressing mode is used.
While in user mode, the RC4700 provides a single, uniform virtual
address space of 256GB (2GB for 32-bit address mode). When oper-
ating in the kernel mode, four distinct virtual address spaces—totalling
1024GB (4GB in 32-bit address mode)—are simultaneously available
and are differentiated by the high-order bits of the virtual address.
Operation
Single
Precision
Double
Precision
ADD
4
4
SUB
4
4
MUL
4
5
DIV
32
61
SQRT
31
60
CMP
3
3
FIX
4
4
FLOAT
6
6
ABS
1
1
MOV
1
1
NEG
1
1
LWC1, LDC1
2
2
SWC1, SDC1
1
1
Table 1 RC4700 Instruction Latencies


Similar Part No. - IDT79RV4700-150GH

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RV4640-100DU IDT-IDT79RV4640-100DU Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RV4640-100DUI IDT-IDT79RV4640-100DUI Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RV4640-100DZ IDT-IDT79RV4640-100DZ Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RV4640-100DZI IDT-IDT79RV4640-100DZI Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RV4640-100MU IDT-IDT79RV4640-100MU Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
More results

Similar Description - IDT79RV4700-150GH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
logo
PMC-Sierra, Inc
RM5231A PMC-RM5231A Datasheet
54Kb / 4P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM7000A PMC-RM7000A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A PMC-RM7065A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000A-1 PMC-RM7000A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000B PMC-RM7000B Datasheet
36Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A-1 PMC-RM7065A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com