Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33879 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC33879
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33879 Datasheet(HTML) 3 Page - Motorola, Inc

  MC33879 Datasheet HTML 1Page - Motorola, Inc MC33879 Datasheet HTML 2Page - Motorola, Inc MC33879 Datasheet HTML 3Page - Motorola, Inc MC33879 Datasheet HTML 4Page - Motorola, Inc MC33879 Datasheet HTML 5Page - Motorola, Inc MC33879 Datasheet HTML 6Page - Motorola, Inc MC33879 Datasheet HTML 7Page - Motorola, Inc MC33879 Datasheet HTML 8Page - Motorola, Inc MC33879 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33879
3
PIN FUNCTION DESCRIPTION
Pin
Pin Name
Formal Name
Definition
1GND
Ground
Digital ground.
2VDD
Logic Supply Voltage
Logic supply for SPI interface. With VDD low the device will be in sleep mode.
3S8
Source Output 8
Output eight MOSFET source pins.
4, 8, 9, 24,
25, 30
NC
Not Connected
No internal connection to this pin.
5D8
Drain Output 8
Output eight MOSFETdrain pin.
6S2
Source Output 2
Output two MOSFET source pin.
7D2
Drain Output 2
Output two MOSFET drain pin.
10
S1
Source Output 1
Output one MOSFET source pin.
11
D1
Drain Output 1
Output one MOSFET drain pin.
12
D6
Drain Output 6
Output six MOSFET drain pin.
13
S6
Source Output 6
Output six MOSFET source pin.
14
IN6
Command Input 6
PWM direct control input pin for output 6. IN6 is “OR” with SPI bit.
15
EN
Enable Input
IC Enable. Active high. With EN low, the device is in sleep mode.
16
SCLK
SPI Clock
SPI control clock input pin.
17
DI
Serial Data Input
SPI control data input pin from MCU to the 33879. Logic [1] activates output.
18
CS
SPI Chip Select
SPI control chip select input pin from MCU to the 33879. Logic [0] allows data to be
transferred in.
19
IN5
Command Input 5
PWM direct control input pin for output 5. IN5 is “OR” with SPI bit.
20
S5
Source Output 5
Output five MOSFET source pin.
21
D5
Drain Output 5
Output five MOSFET drain pin.
22
D3
Drain Output 3
Output three MOSFET drain pin.
23
S3
Source Output 3
Output three MOSFET source pin.
26
D4
Drain Output 4
Output four MOSFET drain pin.
27
S4
Source Output 4
Output four MOSFET source pin.
28
D7
Drain Output 7
Output seven MOSFET drain pin.
29
S7
Source Output 7
Output seven MOSFET source pin.
31
VPWR
Battery Input
Power supply pin to the 33879. VPWR has internal reverse battery protection.
32
DO
Serial Data Output
SPI control data output pin from the 33879 to the MCU. DO=0 no fault, DO=1 specific
output has fault.
DO
1
D7
S4
D4
NC
NC
S3
D3
D5
S5
CS
DI
IN5
S7
VPWR
NC
GND
D8
S2
D2
NC
NC
S1
D1
D6
S6
EN
SCLK
IN6
NC
VDD
S8
8
9
10
11
12
13
14
15
16
3
4
5
6
7
2
32
25
24
23
22
21
20
19
18
17
30
29
28
27
26
31
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33879

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33879 NXP-MC33879 Datasheet
1,012Kb / 26P
   Configurable octal serial switch with open load detect current disable
Rev. 11.0, 7/2016
MC33879 NXP-MC33879 Datasheet
762Kb / 29P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.0 - 10 May 2022
MC33879 NXP-MC33879 Datasheet
717Kb / 30P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.1 - 11 May 2023
logo
Freescale Semiconductor...
MC33879APEK FREESCALE-MC33879APEK Datasheet
645Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879APEK NXP-MC33879APEK Datasheet
1,012Kb / 26P
   Configurable octal serial switch with open load detect current disable
Rev. 11.0, 7/2016
More results

Similar Description - MC33879

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33879 NXP-MC33879_V02 Datasheet
717Kb / 30P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.1 - 11 May 2023
logo
Freescale Semiconductor...
33879 FREESCALE-33879 Datasheet
592Kb / 24P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879 NXP-MC33879 Datasheet
1,012Kb / 26P
   Configurable octal serial switch with open load detect current disable
Rev. 11.0, 7/2016
MC33879 NXP-MC33879_V01 Datasheet
762Kb / 29P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.0 - 10 May 2022
logo
Freescale Semiconductor...
33879 FREESCALE-33879_12 Datasheet
645Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_08 Datasheet
654Kb / 25P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_09 Datasheet
804Kb / 23P
   Configurable Octal Serial Switch with Open Load Detect Current Disable
33880 FREESCALE-33880_09 Datasheet
1Mb / 25P
   Configurable Octal Serial Switch
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
   CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
33880 FREESCALE-33880 Datasheet
601Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com