Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR30200CTR Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # MBR30200CTR
Description  30.0 Amperes Heatsink Dual Common Anode Schottky Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

MBR30200CTR Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  MBR30200CTR Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. MBR30200CTR Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(TA=25℃ unless otherwise noted)
RATINGS AND CHARACTERISTICS CURVES
0
5
10
15
20
25
30
35
50
60
70
80
90
100 110 120 130 140 150
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVELOAD
WITH HEATSINK
50
75
100
125
150
175
200
225
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT PER LEG
8.3ms Single Half Sine Wave
JEDEC Method
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
PER LEG
TJ=75℃
TJ=125℃
MBR3035CTR-MBR3045CTR
MBR3050CTR-MBR30200CTR
TJ=25℃
0.01
0.1
1
10
100
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
PER LEG
Pulse Width=300μs
1% Duty Cycle
MBR3035CTR-MBR3045CTR
MBR3050CTR-MBR3060CTR
MBR3090CTR-MBR30100CTR
MBR30150CTR-MBR30200CTR
100
1000
10000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
PER LEG
f=1.0MHz
Vsig=50mVp-p
MBR3035CTR-MBR3045CTR
MBR3050CTR-MBR3060CTR
MBR3090CTR-MBR30200CTR
0.1
1
10
100
0.01
0.1
1
10
100
T-PULSE DURATION(s)
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG
®
MBR3035CTR thru MBR30200CTR
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.07C


Similar Part No. - MBR30200CTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR30200CT ETC2-MBR30200CT Datasheet
104Kb / 1P
   30 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200 Volts
logo
MORE Semiconductor Comp...
MBR30200CT MORESEMI-MBR30200CT Datasheet
947Kb / 2P
   30A Schottky Barrier Rectifiers
logo
RFE international
MBR30200CT RFE-MBR30200CT Datasheet
1Mb / 3P
   Schottky Diodes
12-05-2022
logo
Compact Technology Corp...
MBR30200CT CTC-MBR30200CT Datasheet
72Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Inchange Semiconductor ...
MBR30200CT ISC-MBR30200CT Datasheet
271Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - MBR30200CTR

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MBRF3035CTR THINKISEMI-MBRF3035CTR Datasheet
541Kb / 2P
   30.0 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
S16C20A THINKISEMI-S16C20A Datasheet
641Kb / 2P
   16.0 Amperes Heatsink Dual Common Anode Schottky Half Bridge Rectifiers
S30D35A THINKISEMI-S30D35A Datasheet
560Kb / 2P
   30.0 Amperes Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
FEN30BP THINKISEMI-FEN30BP Datasheet
1Mb / 3P
   30.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
MUR3020PTR THINKISEMI-MUR3020PTR_04 Datasheet
1Mb / 3P
   30.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
MUR3020PA THINKISEMI-MUR3020PA_04 Datasheet
1Mb / 3P
   30.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
MBR20100CTR THINKISEMI-MBR20100CTR Datasheet
350Kb / 2P
   20 Ampere Heatsink Dual Common Anode Schottky Half Bridge Rectifiers
MBRF4035CTR THINKISEMI-MBRF4035CTR Datasheet
720Kb / 2P
   40.0 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF2045CTR THINKISEMI-MBRF2045CTR Datasheet
623Kb / 2P
   20 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF1045CTR THINKISEMI-MBRF1045CTR Datasheet
541Kb / 2P
   10.0 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com