Electronic Components Datasheet Search |
|
LB25CKG01-GJ Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
LB25CKG01-GJ Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd. |
8 / 20 page Series LB Standard Size Snap-in Pushbuttons D55 D www.nkkswitches.com CAP TYPES & COLOR COMBINATIONS Cap for Super Bright LEDs Clear Lens White Diffuser JB AT4129 Square Material: Polycarbonate Finish: Glossy LEDs AT625 AT631 AT632 The electrical specifications shown are determined at a basic temperature of 25°C. LED circuit is isolated and requires an external power source. Single color LEDs are colored in OFF state; bicolor LEDs are translucent white in OFF state. Polarity marks are on the switch. If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the formula in the Supplement section. Additional lamp detail is shown in the Accessories & Hardware section. Spot Illuminated Cap with LED Transparent Clear Lens Translucent White Diffuser AT4128 Round AT4130 Rectangular (3.5) .138 (6.5) .256 (13.2) Sq .520 (19.0) Dia .748 (4.5) .177 (5.5) .217 (19.4) .764 (13.2) .520 (5.0) .197 (6.0) .236 AT480 Square AT4016 Round A B C F Cap Colors Available: When ordering spot illuminated cap separately, LED color must be specified. Examples: AT480CA (red LED, black cap); AT4016CFB (red/green bicolored LED, white cap) Cap with Window Factory Assembled LED; Not Available Separately Single Color Bicolor Red Amber Green Red/Green Maximum Forward Current I FM 25mA 30mA 25mA 30/25mA Typical Forward Current I F 20mA 20mA 20mA 20mA Forward Voltage V F 2.25V 2.1V 2.2V 2.0/2.2V Maximum Reverse Voltage V RM 5V 5V 5V — Current Reduction Rate Above 25°C ∆I F 0.33mA/°C 0.40mA/°C 0.33mA/°C 0.43/0.38mA/°C Ambient Temperature Range –25° ~ +70°C 1D 1F 1C LED Specifications CF LED factory assembled in Spot Illuminated Caps Not Available Separately Single Color LED with 1 Element Bicolor LED with 2 Elements (+) (-) (+) (-) (4.0) .157 (2.0) .079 (5.0) .197 (3.5) .138 (6.5) .256 (13.2) Sq .520 (5.0) .197 (2.0) .079 (6.0) .236 (19.0) Dia .748 (4.5) .177 (5.5) .217 Material: Polycarbonate Finish: Glossy A B E F Cap Colors Available: Cap for Nonilluminated C G H AT484 Square AT4017 Round AT4030 Rectangular Cap No Lamp (3.5) .138 (6.5) .256 (13.2) Sq .520 (19.0) Dia .748 (4.5) .177 (5.5) .217 (19.4) .764 (13.2) .520 (5.0) .197 (6.0) .236 Material: Polycarbonate Finish: Glossy Color Codes: A Black B White C Red D Amber E Yellow F Green G Blue H Gray J Clear |
Similar Part No. - LB25CKG01-GJ |
|
Similar Description - LB25CKG01-GJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |