Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCS12N60FC-O-F-N-B Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS12N60FC-O-F-N-B
Description  Low gate charge
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS12N60FC-O-F-N-B Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS12N60FC-O-F-N-B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N60FC-O-F-N-B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N60FC-O-F-N-B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N60FC-O-F-N-B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N60FC-O-F-N-B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N60FC-O-F-N-B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N60FC-O-F-N-B Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N60FC-O-F-N-B Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS12N60FC-O-F-N-B Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
R
版本:201703A
1/12
N 沟道增强型场效应晶体管
N-CHANNEL MOSFET
JCS12N60C
订 货 型 号
Order codes
Marking
Package
无卤素
Halogen
Free
Packaging
器件重量
Device
Weight
JCS12N60CC-O-C-N-B
JCS12N60C
TO-220C
NO
条管 Tube
2.15 g(typ)
JCS12N60FC-O-F-N-B
JCS12N60F
TO-220MF-K2
NO
条管 Tube
2.20 g(typ)
JCS12N60SC-O-S-N-B
JCS12N60S
TO-263
NO
条管 Tube
1.37g(typ)
JCS12N60BC-O-B-N-B
JCS12N60B
TO-262
NO
条管 Tube
1.71g(typ)
JCS12N60CC-R-C-N-B
JCS12N60C
TO-220C
YES
条管 Tube
2.15 g(typ)
JCS12N60FC-R-F-N-B
JCS12N60F
TO-220MF-K2
YES
条管 Tube
2.20 g(typ)
JCS12N60SC-R-S-N-B
JCS12N60S
TO-263
YES
条管 Tube
1.37g(typ)
JCS12N60BC-R-B-N-B
JCS12N60B
TO-262
YES
条管 Tube
1.71g(typ)
封装 Package
主要参数
MAIN
CHARACTERISTICS
ID
12.0A
VDSS
600 V
Rdson-Max
(@Vgs=10V)
0.62
Qg-Typ
30 nC
用途
 高频开关电源
 电子镇流器
 LED 电源
APPLICATIONS
High efficiency switch
mode power supplies
Electronic lamp ballasts
based on half bridge
LED power supplies
产品特性
低栅极电荷
低 C
rss (典型值 20pF)
开关速度快
产品全部经过雪崩测试
高抗 dv/dt 能力
RoHS 产品
FEATURES
Low gate charge
Low C
rss (typical 20pF )
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息 ORDER MESSAGE
TO-262


Similar Part No. - JCS12N60FC-O-F-N-B

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS12N60FC-O-F-N-B JSMC-JCS12N60FC-O-F-N-B Datasheet
938Kb / 12P
   N-CHANNEL MOSFET
More results

Similar Description - JCS12N60FC-O-F-N-B

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9T18GH A-POWER-AP9T18GH_14 Datasheet
218Kb / 6P
   Low Gate Charge
AP9T15GHJ-HF A-POWER-AP9T15GHJ-HF_14 Datasheet
103Kb / 4P
   Low Gate Charge
AP9T16GJ A-POWER-AP9T16GJ_14 Datasheet
268Kb / 6P
   Low Gate Charge
logo
JILIN SINO-MICROELECTRO...
JCS12N65FC JSMC-JCS12N65FC Datasheet
548Kb / 8P
   Low gate charge
logo
Kersemi Electronic Co.,...
KSMD540 KERSEMI-KSMD540 Datasheet
658Kb / 4P
   Low gate charge.
KSMD3303 KERSEMI-KSMD3303 Datasheet
620Kb / 4P
   Low gate charge.
KSMF5N60 KERSEMI-KSMF5N60 Datasheet
670Kb / 4P
   Low gate charge.
KSMF6N65 KERSEMI-KSMF6N65 Datasheet
707Kb / 4P
   Low gate charge.
logo
Advanced Power Electron...
AP4513GD A-POWER-AP4513GD_14 Datasheet
89Kb / 7P
   Low Gate Charge
logo
Kersemi Electronic Co.,...
KSMF7N65 KERSEMI-KSMF7N65 Datasheet
713Kb / 4P
   Low gate charge.
KSMD220N KERSEMI-KSMD220N Datasheet
655Kb / 4P
   Low gate charge.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com