Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC10D040 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC10D040
Description  Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10D040 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC10D040 Datasheet HTML 6Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 7Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 8Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 9Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 10Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 11Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 12Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 13Page - National Semiconductor (TI) ADC10D040 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AC Electrical Characteristics
OS = High (Parallel Mode)
The following specifications apply for V
A =VD = +3.3 VDC,VDR = +2.5VDC,VREF = 1.4 VDC, GAIN = OF = 0V, OS = +3.3V,
V
IN (a.c. coupled) = FSR = 1.0 VP-P,CL = 15 pF, fCLK = 40 MHz, 50% Duty Cycle, RS =50
Ω,t
rc =tfc < 4 ns, NOT offset cor-
rected. Boldface limits apply for T
A =TMIN to TMAX: all other limits TA = 25˚C (Note 7)
Symbol
Parameter
Conditions
Typical
(Note 8)
Limits
(Note 9)
Units
(Limits)
f
CLK1
Maximum Clock Frequency
45
40
MHz (min)
f
CLK2
Minimum Clock Frequency
20
MHz
Duty Cycle
50
45
55
% (min)
% (max)
Pipeline Delay (Latency)
2.5
Clock
Cycles
t
r,tf
Output Rise and Fall Times
9
ns
t
OC
OC Pulse Width
10
ns
t
OD
Output Delay from CLK Edge to
Data Valid
16
22
ns (max)
t
DIQ
I/Q Output Delay
13
ns
t
AD
Sampling (Aperture) Delay
2.2
ns
t
AJ
Aperture Jitter
<10
ps (rms)
t
VALID
Data Valid Time
16
ns
Overrange Recovery Time
Differential V
IN step from 1.5V to
0V
50
ns
t
WUPD
PD Low to 1/2 LSB Accurate
Conversion (Wake-Up Time)
< 1ms
t
WUSB
STBY Low to 1/2 LSB Accurate
Conversion (Wake-Up Time)
800
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
Note 2: All voltages are measured with respect to GND = AGND = DGND = 0V, unless otherwise specified.
Note 3: When the input voltage at any pin exceeds the power supplies (VIN < GND or VIN > VA or VD), the current at that pin should be limited to 25 mA. The 50 mA
maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input current of 25 mA to two.
Note 4: The absolute maximum junction temperature (TJmax) for this device is 150˚C. The maximum allowable power dissipation is dictated by TJmax, the
junction-to-ambient thermal resistance (
θJA), and the ambient temperature (TA), and can be calculated using the formula PDMAX=(TJmax - TA )/θJA. In the 48-pin
TQFP,
θJA is 76˚C/W, so PDMAX = 1,645 mW at 25˚C and 855 mW at the maximum operating ambient temperature of 85˚C. Note that the power dissipation of this
device under normal operation will typically be about 307 mW (267 mW quiescent power + 40 mW due to 1 LVTTL load on each digital output). The values for
maximum power dissipation listed above will be reached only when the ADC10D040 is operated in a severe fault condition (e.g. when input or output pins are driven
beyond the power supply voltages, or the power supply polarity is reversed). Obviously, such conditions should always be avoided.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through 0Ω.
Note 6: See AN450, “Surface Mounting Methods and Their Effect on Product Reliability”, or the section entitled “Surface Mount” found in any post 1986 National
Semiconductor Linear Data Book, for other methods of soldering surface mount devices.
Note 7: The inputs are protected as shown below. Input voltage magnitude up to 300 mV beyond the supply rails will not damage this device. However, errors in
the A/D conversion can occur if the input goes beyond the limits given in these tables.
www.national.com
10


Similar Part No. - ADC10D040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10D040 TI1-ADC10D040 Datasheet
1Mb / 32P
[Old version datasheet]   ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
ADC10D040CIVS TI1-ADC10D040CIVS Datasheet
1Mb / 32P
[Old version datasheet]   ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
ADC10D040CIVS/NOPB TI1-ADC10D040CIVS/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
ADC10D040 TI1-ADC10D040_14 Datasheet
1Mb / 32P
[Old version datasheet]   ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
More results

Similar Description - ADC10D040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10D040 TI1-ADC10D040_14 Datasheet
1Mb / 32P
[Old version datasheet]   ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Analog Devices
AD9203ARUZRL7 AD-AD9203ARUZRL7 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203 AD-AD9203 Datasheet
216Kb / 19P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com