Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79R4700-100DF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT79R4700-100DF
Description  64-Bit RISC Microprocessor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79R4700-100DF Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT79R4700-100DF Datasheet HTML 1Page - Integrated Device Technology IDT79R4700-100DF Datasheet HTML 2Page - Integrated Device Technology IDT79R4700-100DF Datasheet HTML 3Page - Integrated Device Technology IDT79R4700-100DF Datasheet HTML 4Page - Integrated Device Technology IDT79R4700-100DF Datasheet HTML 5Page - Integrated Device Technology IDT79R4700-100DF Datasheet HTML 6Page - Integrated Device Technology IDT79R4700-100DF Datasheet HTML 7Page - Integrated Device Technology IDT79R4700-100DF Datasheet HTML 8Page - Integrated Device Technology IDT79R4700-100DF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3 of 25
April 10, 2001
IDT79R4700
Figure 3 RC4700 Pipeline Stages
I0
1I
2I
1R
2R
1A
2A
1D
2D
1W
2W
I1
1I
2I
1R
2R
1A
2A
1D
2D
1W
2W
I2
1I
2I
1R
2R
1A
2A
1D
2D
1W
•••
I3
1I
2I
1R
2R
1A
2A
1D
•••
I4
1I
2I
1R
2R
1A
•••
one cycle
Key to Figure
1I-1R
Instruction cache access
2I
Instruction virtual-to-physical address translation in ITLB
2A-2D
Data cache access and load align
1D
Data virtual-to-physical address translation in DTLB
1D-2D
Virtual-to-physical address translation in JTLB
2R
Register file read
2R
Bypass calculation
2R
Instruction decode
2R
Branch address calculation
1A
Issue or slip decision
1A-2A
Integer add, logical, shift
1A
Data virtual address calculation
2A
Store align
1A
Branch decision
2W
Register file write


Similar Part No. - IDT79R4700-100DF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
More results

Similar Description - IDT79R4700-100DF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
logo
PMC-Sierra, Inc
RM5231A PMC-RM5231A Datasheet
54Kb / 4P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM7000A PMC-RM7000A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A PMC-RM7065A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000A-1 PMC-RM7000A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000B PMC-RM7000B Datasheet
36Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A-1 PMC-RM7065A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com