Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC81083S Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MOC81083S
Description  6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC81083S Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MOC81083S Datasheet HTML 1Page - Fairchild Semiconductor MOC81083S Datasheet HTML 2Page - Fairchild Semiconductor MOC81083S Datasheet HTML 3Page - Fairchild Semiconductor MOC81083S Datasheet HTML 4Page - Fairchild Semiconductor MOC81083S Datasheet HTML 5Page - Fairchild Semiconductor MOC81083S Datasheet HTML 6Page - Fairchild Semiconductor MOC81083S Datasheet HTML 7Page - Fairchild Semiconductor MOC81083S Datasheet HTML 8Page - Fairchild Semiconductor MOC81083S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1/21/04
Page 4 of 12
© 2004 Fairchild Semiconductor Corporation
6-PIN DIP OPTOCOUPLERS FOR
POWER SUPPLY APPLICATIONS
(NO BASE CONNECTION)
MOC8101
MOC8102
MOC8103
MOC8104
MOC8105
MOC8106
MOC8107
MOC8108
CNY17F-1
CNY17F-2
CNY17F-3
CNY17F-4
** All typicals at TA = 25°C
NOTES:
1. Always design to the specified minimum/maximum electrical limits (where applicable).
2. Current Transfer Ratio (CTR) = IC/IF x 100%.
3. For test circuit setup and waveforms, refer to Figure 11.
4, For this test, Pins 1 and 2 are common, and Pins 4 are 5 are common.
TRANSFER CHARACTERISTICS (TA =25°C Unless otherwise specified)
AC Characteristic
Test Conditions
Symbol
Min
Typ**
Max
Unit
NON-SATURATED SWITCHING TIME
Turn-on Time CNY17F-1/2/3/4 Only
(RL = 100 Ω, IC = 2 mA)
ton
—2
10
µs
Turn-off Time CNY17F-1/2/3/4 Only
(VCC = 10 V)
toff
—3
10
Turn-On Time
MOC8101-5
(IC = 2.0 mA, VCC = 10 V, RL = 100 Ω)
(3)
ton
—2
20
µs
MOC8106-8
Turn-Off Time
MOC8101-5
(IC = 2.0 mA, VCC = 10 V, RL = 100 Ω)
(3)
toff
—3
20
MOC8106-8
Rise Time
tr
—1—
µs
All Devices
(IC = 2.0 mA, VCC = 10 V, RL = 100 Ω)
(3)
Fall Time
tf
—2—
All Devices
(IC = 2.0 mA, VCC = 10 V, RL = 100 Ω)
(3)
SATURATED SWITCHING TIMES
Turn-on Time
(IF = 20 mA, VCE = 0.4 V)
ton
——
5.5
µs
CNY17F-1
CNY17F-2
CNY17F-3
CNY17F-4
(IF = 10 mA, VCE = 0.4 V)
8.0
Rise Time
(IF = 20 mA, VCE = 0.4 V)
tr
——
4.0
µs
CNY17F-1
CNY17F-2
CNY17F-3
CNY17F-4
(IF = 20 mA, VCE = 0.4 V)
Turn-off Time
(IF = 20 mA, VCE = 0.4 V)
toff
——
34
µs
CNY17F-1
CNY17F-2
CNY17F-3
CNY17F-4
(IF = 10 mA, VCE = 0.4 V)
39
Fall Time
(IF = 20 mA, VCE = 0.4 V)
tf
——
20
µs
CNY17F-1
CNY17F-2
CNY17F-3
CNY17F-4
(IF = 10 mA, VCE = 0.4 V)
24


Similar Part No. - MOC81083S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8108 MOTOROLA-MOC8108 Datasheet
198Kb / 6P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
MOC8108 FAIRCHILD-MOC8108 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8108 FAIRCHILD-MOC8108 Datasheet
583Kb / 15P
   Phototransistor Optocouplers
MOC8108 FAIRCHILD-MOC8108 Datasheet
589Kb / 15P
   Phototransistor Optocouplers
logo
ISOCOM COMPONENTS
MOC8108 ISOCOM-MOC8108 Datasheet
71Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results

Similar Description - MOC81083S

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNY17F-1 QT-CNY17F-1 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
Fairchild Semiconductor
MOC8111 FAIRCHILD-MOC8111_04 Datasheet
188Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8101 FAIRCHILD-MOC8101 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
MOC8112M_0810 FAIRCHILD-MOC8112M_0810 Datasheet
254Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Motorola, Inc
MOC8101 MOTOROLA-MOC8101 Datasheet
188Kb / 4P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
MOC8111M FAIRCHILD-MOC8111M Datasheet
250Kb / 9P
   6-Pin DIP Optocoupler for Power Supply Applications (No Base Connection)
logo
Motorola, Inc
MOC8106 MOTOROLA-MOC8106 Datasheet
198Kb / 6P
   6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
logo
Fairchild Semiconductor
H11N2M FAIRCHILD-H11N2M Datasheet
248Kb / 10P
   6-Pin DIP High Speed Logic Optocouplers
H11N1-M FAIRCHILD-H11N1-M_05 Datasheet
522Kb / 9P
   6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com