Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL300-E-X009 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL300-E-X009
Description  Linear Optocoupler, High Gain Stability, Wide Bandwidth
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL300-E-X009 Datasheet(HTML) 5 Page - Vishay Siliconix

  IL300-E-X009 Datasheet HTML 1Page - Vishay Siliconix IL300-E-X009 Datasheet HTML 2Page - Vishay Siliconix IL300-E-X009 Datasheet HTML 3Page - Vishay Siliconix IL300-E-X009 Datasheet HTML 4Page - Vishay Siliconix IL300-E-X009 Datasheet HTML 5Page - Vishay Siliconix IL300-E-X009 Datasheet HTML 6Page - Vishay Siliconix IL300-E-X009 Datasheet HTML 7Page - Vishay Siliconix IL300-E-X009 Datasheet HTML 8Page - Vishay Siliconix IL300-E-X009 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
VISHAY
IL300
Document Number 83622
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
5
Coupler
1. Bin Sorting:
K3 (transfer gain) is sorted into bins that are ± 6 % , as follows:
Bin A = 0.557 - 0.626
Bin B = 0.620 - 0.696
Bin C = 0.690 - 0.773
Bin D = 0.765 - 0.859
Bin E = 0.851 - 0.955
Bin F = 0.945 - 1.061
Bin G = 1.051 - 1.181
Bin H = 1.169 - 1.311
Bin I = 1.297 - 1.456
Bin J = 1.442 - 1.618
K3 = K2/K1. K3 is tested at IF = 10 mA, Vdet = - 15 V.
2. Bin Categories: All IL300s are sorted into a K3 bin, indicated by an alpha character that is marked on the part. The bins range from "A"
through "J".
The IL300 is shipped in tubes of 50 each. Each tube contains only one category of K3. The category of the parts in the tube is marked on
the tube label as well as on each individual part.
3. Category Options: Standard IL300 orders will be shipped from the categories that are available at the time of the order. Any of the ten
categories may be shipped. For customers requiring a narrower selection of bins, four different bin option parts are offered.
IL300-DEFG: Order this part number to receive categories D,E,F,G only.
IL300-EF: Order this part number to receive categories E, F only.
IL300-E: Order this part number to receive category E only.
Switching Characteristics
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Input- output capacitance
VF = 0 V, f = 1.0 MHz
1.0
pF
K1, Servo gain (IP1/IF)IF = 10 mA, Vdet = - 15 V
K1
0.0050
0.007
0.011
Servo current, see Note 1,2
IF = 10 mA, Vdet = - 15 V
IP1
70
µA
K2, Forward gain (IP2/IF)IF = 10 mA, Vdet = - 15 V
K2
0.0036
0.007
0.011
Forward current
IF = 10 mA, Vdet = - 15 V
IP2
70
µA
K3, Transfer gain (K2/K1) see
Note 1,2
IF = 10 mA, Vdet = - 15 V
K3
0.56
1.00
1.65
K2/K1
Transfer gain linearity
IF = 1.0 to 10 mA
∆K3
± 0.25
%
IF = 1.0 to 10 mA,
Tamb = 0 °C to 75 °C
± 0.5
%
Photoconductive Operation
Frequency response
IFq = 10 mA, MOD = ± 4.0 mA,
RL = 50 Ω
BW (-3 db)
200
KHz
Phase response at 200 kHz
Vdet = - 15 V
-45
Deg.
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Switching time
∆I
F = 2.0 mA, IFq = 10 mA
tr
1.0
µs
tf
1.0
µs
Rise time
tr
1.75
µs
Fall time
tf
1.75
µs


Similar Part No. - IL300-E-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL300-E-X009 VISHAY-IL300-E-X009 Datasheet
198Kb / 15P
   Linear Optocoupler, High Gain Stability, Wide Bandwidth
Rev. 1.5, 24-Mar-05
More results

Similar Description - IL300-E-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL300 VISHAY-IL300_05 Datasheet
198Kb / 15P
   Linear Optocoupler, High Gain Stability, Wide Bandwidth
Rev. 1.5, 24-Mar-05
IL300-F-X009T VISHAY-IL300-F-X009T Datasheet
192Kb / 11P
   Linear Optocoupler, High Gain Stability, Wide Bandwidth
Rev. 1.8, 02-Jun-14
IL300-EF-X016 VISHAY-IL300-EF-X016 Datasheet
192Kb / 11P
   Linear Optocoupler, High Gain Stability, Wide Bandwidth
Rev. 1.7, 23-Sep-11
logo
Harris Corporation
HA-4622 HARRIS-HA-4622 Datasheet
1Mb / 5P
   wide gain bandwidth product
logo
Skyworks Solutions Inc.
OLS303 SKYWORKS-OLS303 Datasheet
283Kb / 6P
   Hermetic Surface Mount Wide Bandwidth Optocoupler
June 19, 2017
OLI303 SKYWORKS-OLI303 Datasheet
278Kb / 6P
   Miniature Wide Bandwidth Optocoupler for Hybrid Assembly
September 12, 2017
logo
M.S. Kennedy Corporatio...
MSK450 MSK-MSK450_15 Datasheet
344Kb / 5P
   Wide Bandwidth - 65MHz at Gain of -1
logo
RF Micro Devices
RF3865 RFMD-RF3865 Datasheet
151Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
RF3866 RFMD-RF3866 Datasheet
150Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
logo
Siemens Semiconductor G...
SFH6318T SIEMENS-SFH6318T Datasheet
33Kb / 3P
   LOW CURRENT, HIGH GAIN OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com