Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRK.170 Datasheet(PDF) 2 Page - International Rectifier

Part # IRK.170
Description  SCR / SCR and SCR / DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK.170 Datasheet(HTML) 2 Page - International Rectifier

  IRK.170 Datasheet HTML 1Page - International Rectifier IRK.170 Datasheet HTML 2Page - International Rectifier IRK.170 Datasheet HTML 3Page - International Rectifier IRK.170 Datasheet HTML 4Page - International Rectifier IRK.170 Datasheet HTML 5Page - International Rectifier IRK.170 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IRK.170, .230, .250 Series
2
Bulletin I27102 rev. C 05/02
www.irf.com
Parameters
IRK.170 IRK.230 IRK.250
Units Conditions
I
T(AV)
Maximum average on-state current
170
230
250
A
180o conduction, half sine wave
@ Case temperature
85
85
85
o
C
I
T(RMS) Maximum RMS on -state current
377
510
555
A
as AC switch
I
TSM
Maximum peak, one-cycle on-state,
5100
7500
8500
A
t = 10ms No voltage
non-repetitive surge current
5350
7850
8900
t = 8.3ms reapplied
4300
6300
7150
t = 10ms 100% V
RRM
4500
6600
7500
t = 8.3ms reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
131
280
361
KA2s t = 10ms No voltage initial T
J = TJ max
119
256
330
t = 8.3ms reapplied
92.5
198
255
t = 10ms 100% V
RRM
84.4
181
233
t = 8.3ms reapplied
I2
√t
Maximum I2
√t for fusing
1310
2800
3610
KA2
√s t = 0.1 to 10ms, no voltage reapplied
V
T(TO)1Low level value of threshold voltage
0.89
1.03
0.97
V
(16.7% x
πxI
T(AV) < I < π x IT(AV)), TJ = TJ max.
V
T(TO)2High level value of threshold voltage
1.12
1.07
1.00
(I >
π x I
T(AV)), TJ = TJ max.
r
t1
Low level on-state slope resistance
1.34
0.77
0.60
m
Ω (16.7% x πxI
T(AV) < I < π x IT(AV)), TJ = TJ max.
r
t2
High level on-state slope resistance
0.96
0.73
0.57
(I >
π x I
T(AV)), TJ = TJ max.
I
TM = π x IT(AV), TJ = TJ max., 180
o
conduction
Av. power = V
T(TO) x IT(AV) + rf x (IT(RMS))
2
I
H
Maximum holding current
500
500
500
mA Anode supply=12V, initial I
T=30A, TJ=25
o
C
I
L
Maximum latching current
1000
1000
1000
Anode supply=12V, resistive load=1
gate pulse: 10V, 100
µs, T
J = 25°C
Type number
Voltage
V
RRMVDRM , maximum
V
RSM , maximum non-repetitive
I
RRM IDRM max
Code
repetitive peak reverse and
peak reverse voltage
@ 130°C
off-state blocking voltage
VV
m A
04
400
500
50
IRK.170-
08
800
900
IRK.250-
12
1200
1300
14
1400
1500
16
1600
1700
IRK.230-
08
800
900
50
12
1200
1300
16
1600
1700
18
1800
1900
20
2000
2100
t
d
Typical delay time
1.0
µsT
J = 25
o
C, Gate Current=1A dI
g/dt=1A/µs
t
r
Typical rise time
2.0
Vd = 0,67% V
DRM
I
TM = 300 A ; -dI/dt=15 A/µs; TJ = TJ max ;
Vr = 50 V; dV/dt = 20 V/µs ; Gate 0 V, 100 ohm
Voltage Ratings
ELECTRICAL SPECIFICATIONS
On-state Conduction
Switching
t
q
Typical turn-off time
50 - 150
µs
V
TM
Maximum on-state voltage drop
1.60
1.59
1.44
V
Parameters
IRK.170 IRK.230 IRK.250
Units Conditions


Similar Part No. - IRK.170

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRK.136 IRF-IRK.136 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRK.136 IRF-IRK.136 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRK.142 IRF-IRK.142 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRK.142 IRF-IRK.142 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results

Similar Description - IRK.170

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
International Rectifier
IRK IRF-IRK Datasheet
150Kb / 6P
   SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
logo
Vishay Siliconix
VS-VSK230PBF VISHAY-VS-VSK230PBF_V01 Datasheet
170Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VSKT230 VISHAY-VSKT230 Datasheet
345Kb / 8P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 02-Jul-10
VS-VSK.230PBF VISHAY-VS-VSK.230PBF Datasheet
186Kb / 9P
   SCR / SCR and SCR / Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 27-Apr-17
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF Datasheet
168Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF_V01 Datasheet
169Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2023
VSK170PBF VISHAY-VSK170PBF Datasheet
245Kb / 11P
   SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
Revision: 22-Apr-08
VS-VSK.170PBF VISHAY-VS-VSK.170PBF_V02 Datasheet
273Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com