Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T40108L10BB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72T40108L10BB
Description  2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T40108L10BB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72T40108L10BB Datasheet HTML 7Page - Integrated Device Technology IDT72T40108L10BB Datasheet HTML 8Page - Integrated Device Technology IDT72T40108L10BB Datasheet HTML 9Page - Integrated Device Technology IDT72T40108L10BB Datasheet HTML 10Page - Integrated Device Technology IDT72T40108L10BB Datasheet HTML 11Page - Integrated Device Technology IDT72T40108L10BB Datasheet HTML 12Page - Integrated Device Technology IDT72T40108L10BB Datasheet HTML 13Page - Integrated Device Technology IDT72T40108L10BB Datasheet HTML 14Page - Integrated Device Technology IDT72T40108L10BB Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
11
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72T4088/98/108/118 2.5V HIGH-SPEED TeraSync™ DDR/SDR FIFO 40-BIT
CONFIGURATION 16,384 x 40, 32,768 x 40, 65,536 x 40 and 131,072 x 40
Input Pulse Levels
0.25 to 1.25V
Input Rise/Fall Times
0.4ns
Input Timing Reference Levels
0.75
OutputReferenceLevels
VDDQ/2
HSTL
1.5V AC TEST CONDITIONS
Figure 2b. Lumped Capacitive Load, Typical Derating
AC TEST LOADS
Figure 2a. AC Test Load
Input Pulse Levels
0.4 to 1.4V
Input Rise/Fall Times
0.4ns
Input Timing Reference Levels
0.9
OutputReferenceLevels
VDDQ/2
EXTENDED HSTL
1.8V AC TEST CONDITIONS
Input Pulse Levels
GND to 2.5V
Input Rise/Fall Times
1ns
Input Timing Reference Levels
VCC/2
OutputReferenceLevels
VDDQ/2
2.5V LVTTL
2.5V AC TEST CONDITIONS
NOTE:
1. VDDQ = 1.5V±.
NOTE:
1. VDDQ = 1.8V±.
NOTE:
1. For LVTTL VCC = VDDQ.
5995 drw04
50
VDDQ/2
I/O
Z0 = 50
5995 drw04a
6
5
4
3
2
1
20 30 50
80 100
200
Capacitance (pF)


Similar Part No. - IDT72T40108L10BB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT72T18105 ETC2-IDT72T18105 Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T18105 IDT-IDT72T18105 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T18105 IDT-IDT72T18105 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T18105 RENESAS-IDT72T18105 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T18105L10BB IDT-IDT72T18105L10BB Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
More results

Similar Description - IDT72T40108L10BB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T2098 IDT-IDT72T2098 Datasheet
481Kb / 51P
   2.5 VOLT HIGH-SPEED TeraSync??DDR/SDR FIFO 20-BIT/10-BIT CONFIGURATION
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
logo
Integrated Device Techn...
IDT72T54242 IDT-IDT72T54242 Datasheet
543Kb / 56P
   2.5V QUAD/DUAL TeraSync??DDR/SDR FIFO x10 QUAD FIFO or x10/x20 DUAL FIFO CONFIGURATIONS
IDT72T36105 IDT-IDT72T36105 Datasheet
359Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSyncTM FIFO 36-BIT CONFIGURATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com