Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD8342TR2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FOD8342TR2
Description  3.0 A Output Current, High Speed Gate Drive Optocoupler
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD8342TR2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FOD8342TR2 Datasheet HTML 6Page - ON Semiconductor FOD8342TR2 Datasheet HTML 7Page - ON Semiconductor FOD8342TR2 Datasheet HTML 8Page - ON Semiconductor FOD8342TR2 Datasheet HTML 9Page - ON Semiconductor FOD8342TR2 Datasheet HTML 10Page - ON Semiconductor FOD8342TR2 Datasheet HTML 11Page - ON Semiconductor FOD8342TR2 Datasheet HTML 12Page - ON Semiconductor FOD8342TR2 Datasheet HTML 13Page - ON Semiconductor FOD8342TR2 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
©2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8342, FOD8342T Rev. 1.1
9
Typical Performance Characteristics (Continued)
Figure 16. Propagation Delay vs.
LED Forward Current
Figure 17. Propagation Delay vs.
Ambient Temperature
Figure 18. Propagation Delay vs.
Series Load Resistance
Figure 19. Propagation Delay vs.
Series Load Capacitance
Figure 20. Transfer Characteristics
Figure 21. Input Forward Current vs.
Forward Voltage
6
8
10
12
14
16
0
100
200
300
400
t
PLH
V
DD
- V
SS
= 15 V to 30 V
R
g
= 10
, C
g
= 10 nF
f = 250 kHz 50% Duty Cycle
I
F
- LED FORWARD CURRENT (mA)
t
PHL
-40
-20
0
20406080
100
0
100
200
300
400
t
PLH
I
F
= 10 mA to 16 mA
V
DD
- V
SS
= 15 V to 30 V
R
g
= 10
, C
g
= 10 nF
f = 250 kHz 50% Duty Cycle
T
A
- AMBIENT TEMPERATURE (
oC)
t
PHL
0
102030
4050
0
100
200
300
400
t
PLH
I
F
= 10 mA to 16 mA
V
DD
- V
SS
= 15V to 30 V
C
g
= 10 nF
f = 250 kHz 50% Duty Cycle
R
g
- SERIES LOAD RESISTANCE ()
t
PHL
0
204060
80
100
0
100
200
300
400
t
PLH
I
F
= 10 mA to 16 mA
V
DD
- V
SS
= 15 V to 30 V
R
g
= 10
f = 250 kHz 50% Duty Cycle
C
g
- SERIES LOAD CAPACITANCE (nF)
t
PHL
01
2345
0
5
10
15
20
25
30
35
V
DD
- V
SS
= 30 V
T
A
= 25
oC
I
F
- FORWARD CURRENT (mA)
1E-3
0.01
0.1
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-40
oC
25
oC
V
F
- FORWARD VOLTAGE (V
)
T
A
= 100
oC


Similar Part No. - FOD8342TR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8342TR2 ONSEMI-FOD8342TR2 Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
FOD8342TR2V ONSEMI-FOD8342TR2V Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
More results

Similar Description - FOD8342TR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8343 ONSEMI-FOD8343 Datasheet
704Kb / 20P
   4.0 A Output Current, High Speed Gate Drive Optocoupler
May 2017 Rev. 1.0
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W341-000E AVAGO-ACPL-W341-000E Datasheet
276Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342_V01 Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-360 AVAGO-HCPL-3180-360 Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3180-500E AVAGO-HCPL-3180-500E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
ON Semiconductor
FOD8314 ONSEMI-FOD8314 Datasheet
434Kb / 20P
   1.0 A Output Current, Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD3125 ONSEMI-FOD3125 Datasheet
301Kb / 18P
   High Temperature, 2.5 A Output Current, Gate Drive Optocoupler
March, 2020 ??Rev. 2
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com