Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA4476 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FSA4476
Description  USB Type-C analog audio switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA4476 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FSA4476 Datasheet HTML 6Page - ON Semiconductor FSA4476 Datasheet HTML 7Page - ON Semiconductor FSA4476 Datasheet HTML 8Page - ON Semiconductor FSA4476 Datasheet HTML 9Page - ON Semiconductor FSA4476 Datasheet HTML 10Page - ON Semiconductor FSA4476 Datasheet HTML 11Page - ON Semiconductor FSA4476 Datasheet HTML 12Page - ON Semiconductor FSA4476 Datasheet HTML 13Page - ON Semiconductor FSA4476 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FSA4476 Rev. 1.3.2
9
Symbol
Parameter
Condition
Power
TA=-40°C to +85°C
Unit
Min. Typ. Max.
tON
Turn-On Time
(3)
Isw on SBUx=1mA and
clamp to 2V, RLon MIC and
SBUx_H =1K
Ω,
GND_M=100mV,
series 50
Ω on GND_M pin
VBAT: 4.3V
or VBUS: 5V
12
µs
tOFF
Turn-OFF Time
(3)
1
BW
Bandwidth
(3)
RL=50Ω
25
MHz
MIC/GND_M/Internal GND Switch
tON_MIC
Turn-On Time
(3)
Isw on SBUx=1mA and
clamp to 2V, RL on MIC and
SBUx_H =1K
Ω,
GND_M=100mV, series 50
Ω on GND_M pin
VBAT: 4.3V
or VBUS: 5V
10
µs
tON_GND_M
60
tON_GND
950
tOFF_MIC
Turn-OFF Time
(3)
1
tOFF_GND_M
1
tOFF_GND
1
BW
MIC switch Bandwidth
(3)
RL=50Ω
25
MHz
Interrupt delay
TDELAY_INT INT response delay
(3)
INT pull up by 10k resistor
to valid power
VBAT: 4.3V
or VBUS: 5V
5
µs
TDELAY_INT
1
INT1 response delay
(3)
INT1 pull up by 10k
resistor to valid power
5
3.
Guaranteed by characterization, not production tested
Capacitance
Unless otherwise stated VBAT = 2.7 V to 5.5 V or VBUS= 4.0V to 20V, VBAT (Typ.) = 4.3 V or VBUS (Typ.) = 5V, TA = -40°C
to 85°C, and TA (Typ.) = 25°C.
Symbol
Parameter
Condition
Power
TA=- 40°C to +85°C
Unit
Min.
Typ.
Max.
CON_USB/Audio
On Capacitance
(Common Port)
(4)
f = 1 MHz, 100 mVPK-PK, 100 mV DC
bias
VBAT: 4.3V
or VBUS: 5V
7
pF
COFF_ USB/Audio
Off Capacitance
(Common Port)
(4)
f = 1 MHz, 100 mVPK-PK, 100 mV DC
bias
7
pF
COFF_USB
Off Capacitance
(Non-Common Ports)
(4)
f = 1 MHz, 100 mVPK-PK, 100 mV DC
bias Figure 12
2
pF
COFF_SBUx_H
Off Capacitance
(Non-Common Ports)
(4)
f = 1 MHz, 100 mVPK-PK, 100 mV
DC bias,
12
pF
COFF_SBUx
Off Capacitance
(Common Ports)
(4)
f = 1 MHz, 100 mVPK-PK, 100 mV
DC bias,
140
pF
CON_SBUx
On Capacitance
(Common Port)
(4)
f = 1 MHz, 100 mVPK-PK, 100 mV
DC bias,
150
pF
CCNTRL
Control Input Pin
Capacitance (ENx)
(4)
f = 1 MHz, 100 mVPP,
100 mV DC bias
ENx,ENN
6
pF
4.
Guaranteed by characterization, not production tested


Similar Part No. - FSA4476

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA4480 ONSEMI-FSA4480 Datasheet
257Kb / 29P
   USB Type-C Analog Audio Switch
April, 2018 ??Rev. 1
FSA4480UCX ONSEMI-FSA4480UCX Datasheet
257Kb / 29P
   USB Type-C Analog Audio Switch
April, 2018 ??Rev. 1
FSA4485 ONSEMI-FSA4485 Datasheet
859Kb / 31P
   USB Type-C Analog Audio Switch with Over Voltage Protection
January, 2021 - Rev. 0
FSA4485UCX ONSEMI-FSA4485UCX Datasheet
859Kb / 31P
   USB Type-C Analog Audio Switch with Over Voltage Protection
January, 2021 - Rev. 0
FSA4486 ONSEMI-FSA4486 Datasheet
526Kb / 29P
   USB Type-C Analog Audio Switch with Protection Function
March, 2023 - Rev. 2
More results

Similar Description - FSA4476

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA4480 ONSEMI-FSA4480 Datasheet
257Kb / 29P
   USB Type-C Analog Audio Switch
April, 2018 ??Rev. 1
FSA4486 ONSEMI-FSA4486 Datasheet
526Kb / 29P
   USB Type-C Analog Audio Switch with Protection Function
March, 2023 - Rev. 2
FSA4485 ONSEMI-FSA4485 Datasheet
859Kb / 31P
   USB Type-C Analog Audio Switch with Over Voltage Protection
January, 2021 - Rev. 0
FSA1153 ONSEMI-FSA1153 Datasheet
285Kb / 11P
   DP3T USB Type C Audio andUART Analog Switch with OVP
December, 2018 ??Rev. 1
logo
Maxim Integrated Produc...
MAX20328 MAXIM-MAX20328 Datasheet
1Mb / 43P
   MUX Switch for USB Type-C Audio Adapter Accessories
Rev 0; 3/18
logo
NXP Semiconductors
PTN36043A NXP-PTN36043A Datasheet
854Kb / 29P
   USB Type-C SuperSpeed active switch
Rev. 1-19 February 2018
logo
ON Semiconductor
FSUSB242 ONSEMI-FSUSB242 Datasheet
355Kb / 12P
   Type-C USB Port Protection Switch
September, 2018 ??Rev. 1
logo
NXP Semiconductors
PTN36043B NXP-PTN36043B Datasheet
375Kb / 26P
   USB Type-C SuperSpeed active switch
Rev. 1.0 - 1 December 2023
logo
TOKO, Inc
TK15211 TOKO-TK15211 Datasheet
138Kb / 12P
   Audio Analog Switch
TK15327 TOKO-TK15327 Datasheet
216Kb / 12P
   Audio Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com