Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD8314T Datasheet(PDF) 11 Page - ON Semiconductor

Part # FOD8314T
Description  1.0 A Output Current, Gate Drive Optocoupler
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD8314T Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FOD8314T Datasheet HTML 7Page - ON Semiconductor FOD8314T Datasheet HTML 8Page - ON Semiconductor FOD8314T Datasheet HTML 9Page - ON Semiconductor FOD8314T Datasheet HTML 10Page - ON Semiconductor FOD8314T Datasheet HTML 11Page - ON Semiconductor FOD8314T Datasheet HTML 12Page - ON Semiconductor FOD8314T Datasheet HTML 13Page - ON Semiconductor FOD8314T Datasheet HTML 14Page - ON Semiconductor FOD8314T Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
©2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8314, FOD8314T Rev. 1.1
10
Test Circuit
Figure 21. IOL Test Circuit
Figure 22. IOH Test Circuit
IF = 0 A
f = 200 Hz
Duty Cycle 99.8%
6
5
4
3
2
1
+
-
+
-
VDD
VOL
IOL
0.1µF 47µF
0.1µF
VO
VIN
47µF
100
100
100
IF = 10 mA
f = 200 Hz
Duty Cycle 0.2%
6
5
4
3
2
1
+
-
VDD
VOH
IOH
0.1µF 47µF
0.1µF
VO
VIN
47µF
+
-
100


Similar Part No. - FOD8314T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
ON Semiconductor
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
FOD8316 ONSEMI-FOD8316 Datasheet
463Kb / 28P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
February, 2023 - Rev. 3
logo
Fairchild Semiconductor
FOD8316R2 FAIRCHILD-FOD8316R2 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
ON Semiconductor
FOD8316R2 ONSEMI-FOD8316R2 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
More results

Similar Description - FOD8314T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3150 ONSEMI-FOD3150_V01 Datasheet
504Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342 Datasheet
444Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD8343 ONSEMI-FOD8343 Datasheet
704Kb / 20P
   4.0 A Output Current, High Speed Gate Drive Optocoupler
May 2017 Rev. 1.0
FOD3125 ONSEMI-FOD3125 Datasheet
301Kb / 18P
   High Temperature, 2.5 A Output Current, Gate Drive Optocoupler
March, 2020 ??Rev. 2
logo
Agilent(Hewlett-Packard...
HCPL-T251 HP-HCPL-T251 Datasheet
177Kb / 6P
   0.4AMP OUTPUT CURRENT IGBT GATE DRIVE OPTOCOUPLER
logo
ON Semiconductor
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com