Electronic Components Datasheet Search |
|
FOD8314 Datasheet(PDF) 2 Page - ON Semiconductor |
|
FOD8314 Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 20 page ©2015 Fairchild Semiconductor Corporation www.fairchildsemi.com FOD8314, FOD8314T Rev. 1.1 March 2016 FOD8314, FOD8314T 1.0 A Output Current, Gate Drive Optocoupler in Stretched Body SOP 6-Pin Features • FOD8314T - 8 mm Creepage and Clearance Distance, and 0.4 mm Insulation Distance to Achieve Reliable and High-Voltage Insulation • 1.0 A Output Current Driving Capability for Medium- Power IGBT/MOSFET – Use of P-Channel MOSFETs at Output Stage Enables Output Voltage Swing Close to Supply Rail • 20 kV/ s Minimum Common Mode Rejection • Wide Supply Voltage Range: 15 V to 30 V • Fast Switching Speed Over Full Operating Temperature Range – 500 ns Maximum Propagation Delay – 300 ns Maximum Pulse Width Distortion • Under-Voltage Lockout (UVLO) with Hysteresis • Extended Industrial Temperate Range: -40°C to 100°C • Safety and Regulatory Approvals: – UL1577, 5,000 VRMS for 1 Minute – DIN EN/IEC60747-5-5, 1,140 V Peak Working Insulation Voltage Applications • AC and Brushless DC Motor Drives • Industrial Inverter • Uninterruptible Power Supply • Induction Heating • Isolated IGBT/Power MOSFET Gate Drive Related Resources • FOD3150, High Noise Immunity, 1.0 A Output Current, Gate Drive Optocoupler Datasheet • www.fairchildsemi.com/products/optoelectronics/ Description The FOD8314 series is a 1.0 A output current gate drive optocoupler, capable of driving medium-power IGBT/ MOSFETs. It is ideally suited for fast-switching driving of power IGBT and MOSFET used in motor-control inverter applications, and high-performance power systems. The FOD8314 series utilizes stretched body package to achieve 8 mm creepage and clearance distances (FOD8314T), and optimized IC design to achieve reliably high-insulation voltage and high-noise immunity. The FOD8314 series consists of an Aluminum Gallium Arsenide (AlGaAs) Light-Emitting Diode (LED) optically coupled to an integrated circuit with a high-speed driver for push-pull MOSFET output stage. The device is housed in a stretched body, 6-pin, small outline, plastic package. Functional Schematic Figure 1. Schematic Figure 2. Package Outline 1 3 6 5 4 ANODE CATHODE VSS VO VDD 2 |
Similar Part No. - FOD8314 |
|
Similar Description - FOD8314 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |