Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FNB81560T3 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FNB81560T3
Description  Motion SPM 8 Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FNB81560T3 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FNB81560T3 Datasheet HTML 7Page - ON Semiconductor FNB81560T3 Datasheet HTML 8Page - ON Semiconductor FNB81560T3 Datasheet HTML 9Page - ON Semiconductor FNB81560T3 Datasheet HTML 10Page - ON Semiconductor FNB81560T3 Datasheet HTML 11Page - ON Semiconductor FNB81560T3 Datasheet HTML 12Page - ON Semiconductor FNB81560T3 Datasheet HTML 13Page - ON Semiconductor FNB81560T3 Datasheet HTML 14Page - ON Semiconductor FNB81560T3 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
©2017 Semiconductor
10
www.fairchildsemi.com
www.onsemi.com
FNB81560T3 Rev. 1.0
Mechanical Characteristics and Ratings
Figure 9. Flatness Measurement Position
Figure 10. Mounting Screws Torque Order
Note:
9. Do not make over torque when mounting screws. Much mounting torque may cause package cracks, as well as bolts and Al heat-sink destruction.
10. Avoid one side tightening stress. Figure 10 shows the recommended torque order for mounting screws. Uneven mounting can cause of package to be damaged.
The pre-screwing torque is set to 20 ~ 30 % of maximum torque rating.
Parameter
Conditions
Min.
Typ.
Max.
Unit
Device Flatness
See Figure 9
-50
-
100
m
Mounting Torque
Mounting Screw: - M3
See Figure 10
Recommended 0.7 N • m
0.6
0.7
0.8
N • m
Recommended 7.1 kg • cm
5.9
6.9
7.9
kg • cm
Weight
-5.0
-
g
Pre – Screwing : 1
 2
Final Screwing : 2
 1
1
2


Similar Part No. - FNB81560T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FNB81060T3 ONSEMI-FNB81060T3 Datasheet
938Kb / 18P
   Motion SPM 8 Series
September 2016 Rev. 1.1
More results

Similar Description - FNB81560T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FNB80560T3 ONSEMI-FNB80560T3 Datasheet
925Kb / 18P
   Motion SPM 8 Series
October 2016 Rev. 1.0
FNB81060T3 ONSEMI-FNB81060T3 Datasheet
938Kb / 18P
   Motion SPM 8 Series
September 2016 Rev. 1.1
FSB50450B ONSEMI-FSB50450B Datasheet
891Kb / 13P
   Motion SPM
February 2017 Rev. 1.2
FNB80460T3 ONSEMI-FNB80460T3 Datasheet
883Kb / 17P
   Motion SPM
April 2017 Rev. 1.0
FSBB20CH120DF ONSEMI-FSBB20CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
FNB34060T ONSEMI-FNB34060T Datasheet
1Mb / 17P
   Motion SPM
Dec. 2016 Rev. 1.0
FSBB15CH120D ONSEMI-FSBB15CH120D Datasheet
653Kb / 16P
   Motion SPM
January 2017 Rev. 1.0
FSBB20CH120D ONSEMI-FSBB20CH120D Datasheet
653Kb / 16P
   Motion SPM
January 2017 Rev. 1.0
FSBB15CH120DF ONSEMI-FSBB15CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
FNB35060T ONSEMI-FNB35060T Datasheet
1Mb / 17P
   Motion SPM
Dec. 2016 Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com