Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79R4700-200-GH Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT79R4700-200-GH
Description  64-Bit RISC Microprocessor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79R4700-200-GH Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT79R4700-200-GH Datasheet HTML 4Page - Integrated Device Technology IDT79R4700-200-GH Datasheet HTML 5Page - Integrated Device Technology IDT79R4700-200-GH Datasheet HTML 6Page - Integrated Device Technology IDT79R4700-200-GH Datasheet HTML 7Page - Integrated Device Technology IDT79R4700-200-GH Datasheet HTML 8Page - Integrated Device Technology IDT79R4700-200-GH Datasheet HTML 9Page - Integrated Device Technology IDT79R4700-200-GH Datasheet HTML 10Page - Integrated Device Technology IDT79R4700-200-GH Datasheet HTML 11Page - Integrated Device Technology IDT79R4700-200-GH Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8 of 25
April 10, 2001
IDT79R4700
Thermal Considerations
Thermal Considerations
Thermal Considerations
Thermal Considerations
The RC4700 uses special packaging techniques to improve the
thermal properties of high-speed processors. The RC4700 is packaged
using cavity down packaging in a 179-pin PGA package, and a 208-lead
QFP package. These packages effectively dissipate the power of the
CPU, increasing device reliability.
The R4700 is guaranteed in a case temperature range of 0
° to +85°
C. The type of package, speed (power) of the device, and airflow condi-
tions affect the equivalent ambient temperature conditions that will meet
this specification.
The equivalent allowable ambient temperature, TA, can be calculated
using the thermal resistance from case to ambient (
CA) of the given
package. The following equation relates ambient and case tempera-
tures:
TA = TC - P *
CA
where P is the maximum power consumption at hot temperature,
calculated by using the maximum ICC specification for the device.
Typical values for
CA at various airflows are shown in Table 2:.
Revision History
Revision History
Revision History
Revision History
Revision History
Revision History
Revision History
Revision History
January 1996: Initial draft.
March 1997: Deleted data on 150MHz speed for 5V part only.
August 1997: Upgraded 80 to 175 MHz speed specs from “Prelimi-
nary” to “Final.”
June 1999: Upgraded speed to 200MHz on 3V part specs. Package
change to DP.
June 29, 2000: Added back 175 and 200 MHz speeds.
April 10, 2001: In the Data Output category of the System Interface
Parameters tables, changed values in the Min column for all speeds
from 1.0 to 0.
CA
Airflow (ft/min)
0
200
400
600
800
1000
PGA
16
7
5
3
2.5
2
QFP
21
13
10
9
8
7
Table 2: Thermal Resistance (
CA) at Various Airflows


Similar Part No. - IDT79R4700-200-GH

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
More results

Similar Description - IDT79R4700-200-GH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
logo
PMC-Sierra, Inc
RM5231A PMC-RM5231A Datasheet
54Kb / 4P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM7000A PMC-RM7000A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A PMC-RM7065A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000A-1 PMC-RM7000A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000B PMC-RM7000B Datasheet
36Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A-1 PMC-RM7065A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com