Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


IRFZ46NL Datasheet(PDF) 1 Page - International Rectifier

Part No. IRFZ46NL
Description  HEXFET POWER MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

 
 1 page
background image
IRFZ46NS
IRFZ46NL
HEXFET® Power MOSFET
l
Advanced Process Technology
l
Surface Mount (IRFZ46NS)
l
Low-profile through-hole (IRFZ46NL)
l
175°C Operating Temperature
l
Fast Switching
l
Fully Avalanche Rated
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.4
RθJA
Junction-to-Ambient ( PCB Mounted,steady-state)**
–––
40
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V…
53
ˆ
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V…
37
A
IDM
Pulsed Drain Current …
180
PD @TA = 25°C
Power Dissipation
3.8
W
PD @TC = 25°C
Power Dissipation
107
W
Linear Derating Factor
0.71
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current
28
A
EAR
Repetitive Avalanche Energy
11
mJ
dv/dt
Peak Diode Recovery dv/dt ƒ…
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
devicedesignthatHEXFETpowerMOSFETsarewellknown
for, provides the designer with an extremely efficient and
reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of
accommodatingdiesizesuptoHEX-4.Itprovidesthehighest
power capability and the lowest possible on-resistance in
any existing surface mount package. The D2Pak is suitable
for high current applications because of its low internal
connection resistance and can dissipate up to 2.0W in a
typical surface mount application.
The through-hole version (IRFZ46NL) is available for low-
profile applications.
Description
VDSS = 55V
RDS(on) = 0.0165Ω
ID = 53Aˆ
2
D Pak
TO-262
S
D
G
04/08/04
www.irf.com
1
PD - 91305C




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRF7341HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRLR2905HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRF7494HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3303HEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL2703SHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFIZ24GHEXFET POWER MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3202HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRL3716HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
IRFI5210HEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl