Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79R4700-175-GH Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT79R4700-175-GH
Description  64-Bit RISC Microprocessor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79R4700-175-GH Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT79R4700-175-GH Datasheet HTML 7Page - Integrated Device Technology IDT79R4700-175-GH Datasheet HTML 8Page - Integrated Device Technology IDT79R4700-175-GH Datasheet HTML 9Page - Integrated Device Technology IDT79R4700-175-GH Datasheet HTML 10Page - Integrated Device Technology IDT79R4700-175-GH Datasheet HTML 11Page - Integrated Device Technology IDT79R4700-175-GH Datasheet HTML 12Page - Integrated Device Technology IDT79R4700-175-GH Datasheet HTML 13Page - Integrated Device Technology IDT79R4700-175-GH Datasheet HTML 14Page - Integrated Device Technology IDT79R4700-175-GH Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11 of 25
April 10, 2001
IDT79R4700
Pin Description
Pin Description
Pin Description
Pin Description
The table below provides a list of interface, interrupt and miscellaneous pins that are available on the RC4700. Note that signals marked with an
asterisk are active when low. Boundary scan is not supported.
Pin Name Type
Description
System Interface
ExtRqst*
I
External request
Signals that the system interface needs to submit an external request.
Release*
O
Release interface
Signals that the processor is releasing the system interface to slave state.
RdRdy*
I
Read Ready
Signals that an external agent can now accept a processor read.
WrRdy*
I
Write Ready
Signals that an external agent can now accept a processor write request.
ValidIn*
I
Valid Input
Signals that an external agent is now driving a valid address or data on the SysAD bus and a valid com-
mand or data identifier on the SysCmd bus.
ValidOut*
O
Valid output
Signals that the processor is now driving a valid address or data on the SysAD bus and a valid command or
data identifier on the SysCmd bus.
SysAD(63:0)
I/O
System address/data bus
A 64-bit address and data bus for communication between the processor and an external agent.
SysADC(7:0)
I/O
System address/data check bus
An 8-bit bus containing parity check bits for the SysAD bus during data bus cycles.
SysCmd(8:0)
I/O
System command/data identifier bus
A 9-bit bus for command and data identifier transmission between the processor and an external agent.
SysCmdP
I/O
Reserved system command/data identifier bus parity
for the R4700 unused on input and zero on output.
Clock/Control Interface
MasterClock
I
Master clock
Master clock input at one half the processor operating frequency.
MasterOut
O
Master clock out
Master clock output aligned with MasterClock.
RClock(1:0)
O
Receive clocks
Two identical receive clocks at the system interface frequency.
TClock(1:0)
O
Transmit clocks
Two identical transmit clocks at the system interface frequency.
IOOut
O
Reserved for future output
Always HIGH.
IOIn
I
Reserved for future input
Should be driven HIGH.
SyncOut
O
Synchronization clock out
Must be connected to SyncIn through an interconnect that models the interconnect between MasterOut,
TClock, RClock, and the external agent.
SyncIn
I
Synchronization clock in
Synchronization clock input. See SyncOut.
Fault*
O
Fault
Always HIGH.


Similar Part No. - IDT79R4700-175-GH

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
More results

Similar Description - IDT79R4700-175-GH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
   64-Bit RISC Microprocessor
December 5, 2008
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
   64-bit RISC MICROPROCESSOR
logo
PMC-Sierra, Inc
RM5231A PMC-RM5231A Datasheet
54Kb / 4P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
   64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
RM7000A PMC-RM7000A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A PMC-RM7065A Datasheet
52Kb / 4P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000A-1 PMC-RM7000A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7000B PMC-RM7000B Datasheet
36Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
RM7065A-1 PMC-RM7065A-1 Datasheet
38Kb / 2P
   64-Bit MIPS RISC Microprocessor with Integrated L2 Cache
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com