Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74HC74AD Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74HC74AD
Description  Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC74AD Datasheet(HTML) 4 Page - Integral Corp.

  IN74HC74AD Datasheet HTML 1Page - Integral Corp. IN74HC74AD Datasheet HTML 2Page - Integral Corp. IN74HC74AD Datasheet HTML 3Page - Integral Corp. IN74HC74AD Datasheet HTML 4Page - Integral Corp. IN74HC74AD Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74HC74A
82
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C
to
-55
°C
≤85°C
≤125°C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 4)
2.0
4.5
6.0
6.0
30
35
4.8
24
28
4.0
20
24
MHz
tPLH, tPHL
Maximum Propagation Delay, Clock to Q or Q
(Figures 1 and 4)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
tPLH, tPHL
Maximum Propagation Delay, Set or Reset to Q
or Q (Figures 2 and 4)
2.0
4.5
6.0
105
21
18
130
26
22
160
32
27
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 4)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
Power Dissipation Capacitance (Per Flip-Flop)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
39
pF
TIMING REQUIREMENTS(C
L=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to-55°C
≤85°C
≤125°C
Unit
tsu
Minimum Setup Time, Data to Clock
(Figure 3)
2.0
4.5
6.0
80
16
14
100
20
17
120
24
20
ns
th
Minimum Hold Time, Clock to Data
(Figure 3)
2.0
4.5
6.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
ns
trec
Minimum Recovery Time, Set or
Reset Inactive to Clock (Figure 2)
2.0
4.5
6.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
ns
tw
Minimum Pulse Width, Clock (Figure
1)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
tw
Minimum Pulse Width, Set or Reset
(Figure 2)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns


Similar Part No. - IN74HC74AD

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC74AD IKSEMICON-IN74HC74AD Datasheet
228Kb / 6P
   Dual D Flip-Flop with Set and Reset
More results

Similar Description - IN74HC74AD

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HCT74A IKSEMICON-IN74HCT74A Datasheet
228Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT74 SLS-SL74HCT74 Datasheet
51Kb / 5P
   Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HCT74A INTEGRAL-IN74HCT74A Datasheet
100Kb / 5P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HCT74A KODENSHI-KK74HCT74A Datasheet
241Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC74 SLS-SL74HC74 Datasheet
51Kb / 5P
   Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74ACT74 KODENSHI-KK74ACT74 Datasheet
318Kb / 6P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HCT109A IKSEMICON-IN74HCT109A Datasheet
231Kb / 6P
   Dual J-K Flip-Flop with set and Reset High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74AC74 INTEGRAL-IN74AC74 Datasheet
165Kb / 5P
   Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC109A IKSEMICON-IN74HC109A Datasheet
230Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC109A KODENSHI-KK74HC109A Datasheet
242Kb / 6P
   Dual J-K Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com