Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB25CKW01-EJ Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LB25CKW01-EJ
Description  General Specifications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB25CKW01-EJ Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  LB25CKW01-EJ Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-EJ Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-EJ Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-EJ Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-EJ Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-EJ Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-EJ Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-EJ Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB25CKW01-EJ Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Series LB
Standard Size Snap-in Pushbuttons
D52
D
www.nkkswitches.com
Epoxy
Seal
(2.0)
.079
(2.8)
.110
(1.2)
.047
Thk = (0.5)
.020
(7.5)
.295
The electrical specifications shown are
determined at a basic temperature of
25°C. Lamp circuit is isolated and
requires external power source.
Recommended Resistors for Neon:
33K ohms for 110V AC;
100K ohms for 220V AC
*
Housing Colors Available:
SHAPES & PANEL CUTOUTS
CONTACT MATERIALS, RATINGS & TERMINALS
S .622” (15.8mm)
Square
Silver Contacts
Gold Contacts
W01
G01
R
* When in latchdown position for the alternate circuit, cap position is .039” (1.0mm) above the built-in bezel.
C .854” (21.7mm)
Round
.622” x .866” (15.8mm x 22.0mm)
Rectangular
HOUSING
K
Power Level
3A @ 125V AC & 250V AC
Logic Level
0.4VA max. @ 28V AC/DC max.
Solder Lug/Quick Connect
(16.2) Sq
.638
(22.0) Dia
.866
(11.5)
.453
(1.5) R
.059
(22.4)
.882
(16.2)
.638
Cutout for 1 switch:
.638” x .638” (16.2mm x 16.2mm)
Cutout for 1 switch with barriers:
.638” x .815” (16.2mm x 20.7mm)
Cutout for 1 switch:
.638” x .882” (16.2mm x 22.4mm)
Cutout for 1 switch with barriers:
.638” x 1.059” (16.2mm x 26.9mm)
Panel Thickness for Switches & Barriers: .039” ~ .157” (1.0 ~ 4.0mm)
Panel Thickness for Protective Guards & Splash Covers: .039” ~ .138” (1.0 ~ 3.5mm)
Black
Gray
G
Complete explanation of operating range in Supplement section.
Plunger Position
( ) = Momentary
Connected Terminals
Throw & Switch/Lamp Schematics
Pole
Model
Normal
Down
Normal
Down
Notes: Switch is marked with NC, NO, COM, L+, L–.
Lamp circuit is isolated and requires an
external power source.
SP
LB15
*LB16
ON
ON
(ON)
ON
1-3
1-2
SPDT
DP
LB25
*LB26
ON
ON
(ON)
ON
1-3 4-6
1-2 4-5
DPDT
POLES & CIRCUITS
L (+)
(-) L
L (+)
(-) L
1
32
COM
NO
NC
4
6
1
32
5
COM
COM
NC
NC
NO
NO
Voltage
V
5V AC
12V AC
110V AC
Current
I
115mA
60mA
1.5mA
Endurance
Hours
10,000
10,000
Ambient Temp. Range
–25°C ~ +50°C
05
12
T-1 Bi-pin
AT607 & AT607N
AT607 Incandescent 5-volt or
12-volt; AT607N Neon 110-volt
INCANDESCENT & NEON LAMP CODES & SPECIFICATIONS
01 *
Avg.
Optional PCB adaptors
AT711 & AT712 available;
illustrated in “Optional
Accessories” immediately following
“Typical Switch Dimensions.”


Similar Part No. - LB25CKW01-EJ

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LB25CKW01-E NKK-LB25CKW01-E Datasheet
359Kb / 9P
   Standard Size Pushbuttons
More results

Similar Description - LB25CKW01-EJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com