Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7202 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT7202
Description  CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7202 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT7202 Datasheet HTML 2Page - Integrated Device Technology IDT7202 Datasheet HTML 3Page - Integrated Device Technology IDT7202 Datasheet HTML 4Page - Integrated Device Technology IDT7202 Datasheet HTML 5Page - Integrated Device Technology IDT7202 Datasheet HTML 6Page - Integrated Device Technology IDT7202 Datasheet HTML 7Page - Integrated Device Technology IDT7202 Datasheet HTML 8Page - Integrated Device Technology IDT7202 Datasheet HTML 9Page - Integrated Device Technology IDT7202 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7201L/7201LA/7202LA CMOS ASYNCHRONOUS FIFO
256 x 9, 512 x 9 and 1,024 x 9
Device Mode, this pin acts as the retransmit input. The Single Device Mode is
initiated by grounding the Expansion In (
XI).
The IDT7200/7201A/7202A can be made to retransmit data when the
RetransmitEnablecontrol(
RT)inputispulsedLOW. Aretransmitoperationwill
settheinternalreadpointertothefirstlocationandwillnotaffectthewritepointer.
Read Enable (
R) and Write Enable (W) must be in the HIGH state during
retransmit. This feature is useful when less than 256/512/1,024 writes are
performed between resets. The retransmit feature is not compatible with the
Depth Expansion Mode and will affect the Half-Full Flag (
HF), depending on
the relative locations of the read and write pointers.
EXPANSION IN (
XI)
This input is a dual-purpose pin. Expansion In (
XI)isgroundedtoindicate
an operation in the single device mode. Expansion In (
XI) is connected to
Expansion Out (
XO) of the previous device in the Depth Expansion or Daisy
Chain Mode.
OUTPUTS:
FULL FLAG (
FF)
The Full Flag (
FF)willgoLOW,inhibitingfurtherwriteoperation,whenthe
write pointer is one location less than the read pointer, indicating that the
device is full. If the read pointer is not moved after Reset (
RS), the Full-Flag
(
FF)willgoLOWafter256writesforIDT7200,512writesfortheIDT7201Aand
1,024 writes for the IDT7202A.
EMPTY FLAG (
EF)
The Empty Flag (
EF)willgoLOW,inhibitingfurtherreadoperations,when
the read pointer is equal to the write pointer, indicating that the device is
empty.
EXPANSION OUT/HALF-FULL FLAG (
XO/HF)
This is a dual-purpose output. In the single device mode, when
Expansion In (
XI) is grounded, this output acts as an indication of a half-full
memory.
After half of the memory is filled and at the falling edge of the next write
operation, the Half-Full Flag (
HF) will be set LOW and will remain set until the
difference between the write pointer and read pointer is less than or equal
to one half of the total memory of the device. The Half-Full Flag (
HF) is then
reset by using rising edge of the read operation.
IntheDepthExpansionMode,ExpansionIn(
XI)isconnectedtoExpansion
Out (
XO)ofthepreviousdevice.Thisoutputactsasasignaltothenextdevice
in the Daisy Chain by providing a pulse to the next device when the previous
device reaches the last location of memory.
DATA OUTPUTS (Q0 – Q8)
Data outputs for 9-bit wide data. This data is in a high impedance condition
whenever Read (
R) is in a HIGH state.
SIGNAL DESCRIPTIONS
INPUTS:
DATA IN (D0 – D8)
Data inputs for 9-bit wide data.
CONTROLS:
RESET (
RS)
Reset is accomplished whenever the Reset (
RS) input is taken to a LOW
state. During reset, both internal read and write pointers are set to the first
location. A reset is required after power up before a write operation can take
place. Both the Read Enable (
R) and Write Enable (W) inputs must be
in the HIGH state during the window shown in Figure 2, (i.e., tRSS
before the rising edge of
RS) and should not change until tRSR after
the rising edge of
RS. Half-Full Flag (HF) will be reset to HIGH after
Reset (
RS).
WRITE ENABLE (
W)
A write cycle is initiated on the falling edge of this input if the Full Flag (
FF)
isnotset. Dataset-upandholdtimesmustbeadheredtowithrespecttotherising
edge of the Write Enable (
W). DataisstoredintheRAMarraysequentiallyand
independently of any on-going read operation.
After half of the memory is filled and at the falling edge of the next write
operation, the Half-Full Flag (
HF)willbesettoLOWandwillremainsetuntilthe
difference between the write pointer and read pointer is less than or equal to
one half of the total memory of the device. The Half-Full Flag (
HF)isthenreset
by the rising edge of the read operation.
To prevent data overflow, the Full Flag (
FF) will go LOW, inhibiting further
write operations. Upon the completion of a valid read operation, the Full
Flag(
FF)willgoHIGHaftertRFF,allowingavalidwritetobegin. WhentheFIFO
is full, the internal write pointer is blocked from
W,soexternalchangesinWwill
not affect the FIFO when it is full.
READ ENABLE (
R)
A read cycle is initiated on the falling edge of the Read Enable (
R)provided
theEmptyFlag(
EF)isnotset. ThedataisaccessedonaFirst-In/First-Outbasis,
independent of any ongoing write operations. After Read Enable (
R) goes
HIGH,theDataOutputs(Q0– Q8)willreturntoahighimpedanceconditionuntil
thenextReadoperation. WhenalldatahasbeenreadfromtheFIFO,theEmpty
Flag (
EF)willgoLOW,allowingthe“final”readcyclebutinhibitingfurtherread
operations with the data outputs remaining in a high impedance state. Once a
validwriteoperationhasbeenaccomplished,theEmptyFlag(
EF)willgoHIGH
aftertWEFandavalidReadcanthenbegin. WhentheFIFOisempty,theinternal
read pointer is blocked from
RsoexternalchangesinRwillnotaffecttheFIFO
when it is empty.
FIRST LOAD/RETRANSMIT (
FL/RT)
This is a dual-purpose input. In the Depth Expansion Mode, this pin is
groundedtoindicatethatitisthefirstloaded(seeOperatingModes). IntheSingle


Similar Part No. - IDT7202

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
IDT72021L25D IDT-IDT72021L25D Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
IDT72021L25DB IDT-IDT72021L25DB Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
IDT72021L25J IDT-IDT72021L25J Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
More results

Similar Description - IDT7202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com