Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17-3TVM Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # CNY17-3TVM
Description  Phototransistor Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY17-3TVM Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button CNY17-3TVM Datasheet HTML 6Page - Fairchild Semiconductor CNY17-3TVM Datasheet HTML 7Page - Fairchild Semiconductor CNY17-3TVM Datasheet HTML 8Page - Fairchild Semiconductor CNY17-3TVM Datasheet HTML 9Page - Fairchild Semiconductor CNY17-3TVM Datasheet HTML 10Page - Fairchild Semiconductor CNY17-3TVM Datasheet HTML 11Page - Fairchild Semiconductor CNY17-3TVM Datasheet HTML 12Page - Fairchild Semiconductor CNY17-3TVM Datasheet HTML 13Page - Fairchild Semiconductor CNY17-3TVM Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
www.fairchildsemi.com
CNY17-1, CNY17-3, CNY17-2, CNY17-4 Rev. 1.0.2
White Package (-M Suffix)
NOTE
All dimensions are in inches (millimeters)
Package Dimensions (Through Hole)
Package Dimensions (Surface Mount)
Package Dimensions (0.4” Lead Spacing)
Recommended Pad Layout for
Surface Mount Leadform
0.350 (8.89)
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.320 (8.13)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.200 (5.08)
0.115 (2.93)
0.100 (2.54)
0.015 (0.38)
0.020 (0.50)
0.016 (0.41)
0.100 (2.54)
15
°
0.012 (0.30)
Pin 1 ID
0.350 (8.89)
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.390 (9.90)
0.332 (8.43)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.320 (8.13)
0.035 (0.88)
0.012 (0.30)
0.012 (0.30)
0.008 (0.20)
0.200 (5.08)
0.115 (2.93)
0.025 (0.63)
0.020 (0.51)
0.020 (0.50)
0.016 (0.41)
0.100 [2.54]
Pin 1 ID
0.350 (8.89)
PIN 1 ID
0.320 (8.13)
0.260 (6.60)
0.240 (6.10)
0.070 (1.77)
0.040 (1.02)
0.014 (0.36)
0.010 (0.25)
0.200 (5.08)
0.115 (2.93)
0.020 (0.50)
0.016 (0.41)
0.100 [2.54]
0.100 (2.54)
0.015 (0.38)
0.012 (0.30)
0.008 (0.21)
0.425 (10.80)
0.400 (10.16)
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.100 (2.54)
0.305 (7.75)
0.425 (10.79)
(White Package Only)


Similar Part No. - CNY17-3TVM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-3 VISHAY-CNY17-3 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
logo
Lite-On Technology Corp...
CNY17-3 LITEON-CNY17-3 Datasheet
170Kb / 9P
   LITE-ON TECHNOLOGY CORPORATION
logo
Toshiba Semiconductor
CNY17-3 TOSHIBA-CNY17-3 Datasheet
323Kb / 6P
   IRED & PHOTO-TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
Lite-On Technology Corp...
CNY17-3 LITEON-CNY17-3 Datasheet
169Kb / 9P
   High collector-emitter voltage
logo
QT Optoelectronics
CNY17-3 QT-CNY17-3 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - CNY17-3TVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com