Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0747280415 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0747280415
Description  1-by-4 SFP Ganged Cage, Elastomeric Gasket, Press-fit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0747280415 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0747280415 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 11/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0747280415
Status:
Active
Overview:
SFP+ and SFP Interconnect Solutions
Description:
1-by-4 SFP Ganged Cage, Elastomeric Gasket, Press-fit
Documents:
3D Model
Product Specification TS-73927-0002-001 (PDF)
Drawing (PDF)
Product Specification TS-74728-0415-001 (PDF)
Product Specification PS-74728-001-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
EMI Cages
Series
74728
Application
Module-to-Board
Application Tooling Part Link
62202-9780
Application Tooling Part Link
62202-9790
Comments
PCB Thickness: 1.60mm Single Sided Use & 3.00mm
Belly-to-belly Use|4 Ports
Component Type
Cage Assembly
Overview
SFP+ and SFP Interconnect Solutions
Product Name
SFP
UPC
822348621859
Physical
EMI Panel / Bezel Mount
Elastomer Gasket
Light Pipes per Port
0
Material - Metal
Copper Alloy
Net Weight
16.500/g
Orientation
Horizontal
Packaging Type
Tray
Port Configuration
1x4
Rear Legs
0
Termination Interface: Style
Through Hole - Compliant Pin
Thermal Height
N/A
Thermal Solutions
Closed Top
Solder Process Data
Lead-freeProcess Capability
N/A
Process Temperature max. C
070
Material Info
Reference - Drawing Numbers
Product Specification
PS-74728-001-001, TS-73927-0002-001,
TS-74728-0415-001
Sales Drawing
SD-74728-415
Series image - Reference only
EU ELV
Compliant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Compliant
RoHS Phthalates
Not Contained
Search Parts in this Series
74728 Series
This document was generated on 11/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0747280415

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0747280416 MOLEX1-0747280416 Datasheet
28Kb / 1P
   1-by-4 SFP Ganged Cage, Elastomeric Gasket, Press-fit, Without Light Pipes
More results

Similar Description - 0747280415

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0747230001 MOLEX1-0747230001 Datasheet
33Kb / 1P
   1-by-5 SFP Ganged Cage, Elastomeric Gasket, Press-fit
0747220001 MOLEX1-0747220001 Datasheet
26Kb / 1P
   1-by-2 SFP Ganged Cage, Elastomeric Gasket, Press-fit
0747280416 MOLEX1-0747280416 Datasheet
28Kb / 1P
   1-by-4 SFP Ganged Cage, Elastomeric Gasket, Press-fit, Without Light Pipes
0747280420 MOLEX1-0747280420 Datasheet
30Kb / 1P
   1-by-4 SFP Ganged Cage, Elastomeric Gasket, Press-fit, Pre-Plated Nickel
0747540416 MOLEX1-0747540416 Datasheet
44Kb / 1P
   SFP Cage, 1-by-4 Ganged, 3.05mm Press Fit Pins, Elastomeric Gasket, Rear Spring
0747220004 MOLEX1-0747220004 Datasheet
35Kb / 1P
   1-by-2 SFP Ganged Cage, Elastomeric Gasket, Press-fit, Pre-Plated Nickel
0747540410 MOLEX1-0747540410 Datasheet
44Kb / 1P
   SFP Cage, 1-by-4 Ganged, Elastomer Bezel Gasket, 3.05mm Press Fit Pins
0747540420 MOLEX1-0747540420 Datasheet
45Kb / 1P
   SFP Cage, 1-by-4 Ganged, Spring Finger Bezel Gasket, 3.05mm Press Fit Pins
0747540044 MOLEX1-0747540044 Datasheet
44Kb / 1P
   SFP Cage, 1-by-4 Ganged, Spring Finger Bezel Gasket, 3.05mm Press Fit Pins
0747540215 MOLEX1-0747540215 Datasheet
44Kb / 1P
   SFP Cage, 1-by-2 Ganged, Elastomer Bezel Gasket, 3.05mm Press Fit Pins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com