Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3237EIAZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL3237EIAZ
Description  -15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3237EIAZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICL3237EIAZ Datasheet HTML 2Page - Intersil Corporation ICL3237EIAZ Datasheet HTML 3Page - Intersil Corporation ICL3237EIAZ Datasheet HTML 4Page - Intersil Corporation ICL3237EIAZ Datasheet HTML 5Page - Intersil Corporation ICL3237EIAZ Datasheet HTML 6Page - Intersil Corporation ICL3237EIAZ Datasheet HTML 7Page - Intersil Corporation ICL3237EIAZ Datasheet HTML 8Page - Intersil Corporation ICL3237EIAZ Datasheet HTML 9Page - Intersil Corporation ICL3237EIAZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Detailed Description
The ICL3237E operates from a single +3V to +5.5V supply,
guarantees a 1Mbps minimum data rate (MBAUD = VCC),
requires only four small external 0.1
µF (0.22µF for
VCC = 3.0V) capacitors, features low power consumption,
and meets all EIA/TIA-232 and V.28 specifications. The
circuit is divided into three sections: The charge pump, the
transmitters, and the receivers.
Charge-Pump
Intersil’s new ICL32XX family utilizes regulated on-chip dual
charge pumps as voltage doublers, and voltage inverters to
generate
±5.5V transmitter supplies from a V
CC supply as
low as 3.0V. This allows these devices to maintain RS-232
compliant output levels over the
±10% tolerance range of
3.3V powered systems. The efficient on-chip power supplies
require only four small, external 0.1
µF capacitors for the
voltage doubler and inverter functions at VCC =3.3V. See
the “Capacitor Selection” section, and Table 3 for capacitor
recommendations for other operating conditions. The charge
pumps operate discontinuously (i.e., they turn off as soon as
the V+ and V- supplies are pumped up to the nominal
values), resulting in significant power savings.
Transmitters
The transmitters are proprietary, low dropout, inverting
drivers that translate TTL/CMOS inputs to EIA/TIA-232
output levels. Coupled with the on-chip
±5.5V supplies, these
transmitters deliver true RS-232 levels over a wide range of
single supply system voltages.
All transmitter outputs disable and assume a high
impedance state when the device enters the powerdown
mode (see Table 2). These outputs may be driven to
±12V
when disabled.
The ICL3237E guarantees a 1Mbps data rate
(MBAUD = VCC) for full load conditions (3kΩ and 250pF),
VCC ≥ 3.0V, with one transmitter operating at full speed.
Under more typical conditions of VCC ≥ 3.3V, C1-4 = 0.1µF,
RL =3kΩ, and CL = 250pF, one transmitter easily operates
at 1.7Mbps.
Transmitter inputs incorporate an active positive feedback
resistor that maintains the last driven input state in the
absence of a forcing signal. Unused transmitter inputs may
be left unconnected.
Receivers
The ICL3237E contains standard inverting receivers that
tristate only when the EN control line is driven high.
Additionally, it includes a noninverting (monitor) receiver
(denoted by the ROUTB label) that is always active,
regardless of the state of any control lines. All the receivers
convert RS-232 signals to CMOS output levels and accept
inputs up to
±25V while presenting the required 3kΩ to 7kΩ
input impedance (see Figure 1) even if the power is off
(VCC = 0V). The receivers’ Schmitt trigger input stage uses
hysteresis to increase noise immunity and decrease errors
due to slow input signal transitions.
Monitor receivers remain active even during manual
powerdown and forced receiver disable, making them
extremely useful for Ring Indicator monitoring. Standard
receivers driving powered down peripherals must be
disabled to prevent current flow through the peripheral’s
protection diodes (see Figures 2 and 3). This renders them
useless for wake up functions, but the corresponding monitor
receiver can be dedicated to this task as shown in Figure 3.
Powerdown Functionality
This 3V device requires a nominal supply current of 0.3mA
during normal operation (not in powerdown mode). This is
considerably less than the 5mA to 11mA current required of
5V RS-232 devices. The already low current requirement
drops significantly when the device enters powerdown mode.
In powerdown, supply current drops to 10nA, because the
on-chip charge pump turns off (V+ collapses to VCC, V-
collapses to GND), and the transmitter outputs tristate. This
micro-power mode makes the ICL3237E ideal for battery
powered and portable applications.
Software Controlled (Manual) Powerdown
On the ICL3237E, the powerdown control is via a simple
shutdown (SHDN) pin. Driving this pin high enables normal
operation, while driving it low forces the IC into it’s
powerdown state. Connect SHDN to VCC if the powerdown
function isn’t needed. Note that all the receiver outputs
remain enabled during shutdown (see Table 2). For the
lowest power consumption during powerdown, the receivers
should also be disabled by driving the EN input high (see
next section, and Figures 2 and 3). The time required to exit
powerdown, and resume transmission is only 100
µs.
RXOUT
GND
≤ VROUT ≤ VCC
5k
RXIN
-25V
≤ VRIN ≤ +25V
GND
VCC
FIGURE 1. INVERTING RECEIVER CONNECTIONS
ICL3237E


Similar Part No. - ICL3237EIAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3237EIAZ RENESAS-ICL3237EIAZ Datasheet
571Kb / 12P
   짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3237EIAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3237E RENESAS-ICL3237E Datasheet
571Kb / 12P
   짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
   ±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
logo
Intersil Corporation
ISL83239E INTERSIL-ISL83239E Datasheet
567Kb / 12P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ISL83239E INTERSIL-ISL83239E_04 Datasheet
343Kb / 11P
   짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
ICL3237 INTERSIL-ICL3237 Datasheet
239Kb / 11P
   1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com