Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM107 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ICM107
Description  ICM107B Mega pixel Color CMOS image sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICM107 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ICM107 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICM107 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICM107 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM107 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM107 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM107 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM107 Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM107 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM107 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ICM107B Mega pixel CMOS sensor
Data Sheet Version 1.0 July 2002
©2000, 2001,2002 IC Media Corporation & IC Media Technology Corp
10/29/2002
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 4
Confidential
1. Preliminary Pin Assignment
Pin #
Name
Class*
Function
14
CLKSEL
D, I, N
Clock source selection
0: clocks pass PLL, use XIN (pin 12)
1: bypass PLL, use CLKIN (pin 11)
11
CLKIN
D, I, N
External clock source; bypass PLL
12
XIN
A, I
Crystal oscillator in, or external clock in; if external
clocks used, leave Xout (pin 13) unconnected
13
XOUT
A, O
Crystal oscillator out
33
PCLK
D, O
Pixel clock output
35
OEN
D, I, N
Output enable. 0: enable, 1: disable
31
SIF ID
D, I, N
LSB of SIF slave address
32
MSSEL
D, I, U
SIF master/slave selection. 0: slave, 1: master
2
SCL
D, I/O
SIF clock
1
SDA
D, I/O
SIF data
10
POWERDN
D, I, N
Power down control, 0: power down, 1: active
17
RSET
A, I
Resistor to ground = 25 K
Ω @ 48 MHz main clock,
(or 50K
Ω @ 24 MHz main clock)
8
RSTN
D, I, U
Chip reset, active low
48
DOUT[10]
D, I/O
Data output bit 10
47
DOUT[9]
D, I/O
Data output bit 9
46
DOUT[8]
D, I/O
Data output bit 8
45
DOUT[7]
D, O
Data output bit 7
44
DOUT[6]
D, I/O
Data output bit 6; if pulled up/down, the initial value
of TIMING_CONTROL_LOW[2] (VSYNC polarity)
is 1/0
43
DOUT[5]
D, I/O
Data output bit 5; if pulled up/down, the initial value
of TIMING_CONTROL_LOW[1] (HSYNC polarity)
is 1/0
40
DOUT[4]
D, I/O
Data output bit 4; if pulled up/down, the initial value
of AD_IDL[3] (Sub ID) is 1/0
39
DOUT[3]
D, I/O
Data output bit 3; if pulled up/down, the initial value
of AD_IDL[2] (Sub ID) is 1/0
38
DOUT[2]
D, I/O
Data output bit 2; if pulled up/down, the initial value
of AD_IDL[1] (Sub ID) is 1/0
37
DOUT[1]
D, I/O
Data output bit 1; if pulled up/down, the initial value
of AD_IDL[0] (Sub ID) is 1/0
36
DOUT[0]
D, I/O
Data output bit 0; if pulled up/down, the
synchronization mode is in master/slave mode which
requires HSYNC and VSYNC operating in
output/input mode
3
HSYNC
D, I/O
Horizontal sync signal
5
VSYNC
D, I/O
Vertical sync signal
34
FLASH
D, O
Flash light control
15
RAMP
A, O
Analog ramp output
30,7
VDDA
P
Sensor analog power
29,9
GNDA
P
Sensor analog ground
19
VDDD
P
Sensor digital power
18
GNDD
P
Sensor digital ground
41,4
VDDK
P
Digital power


Similar Part No. - ICM107

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM102A ETC1-ICM102A Datasheet
306Kb / 15P
   ICM102A CIF CMOS image sensor
ICM105B ETC1-ICM105B Datasheet
1Mb / 17P
   Color VGA CMOS Image Sensor
ICM108B ETC1-ICM108B Datasheet
449Kb / 20P
   1.3 million pixel Color CMOS image sensor
More results

Similar Description - ICM107

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM108B ETC1-ICM108B Datasheet
449Kb / 20P
   1.3 million pixel Color CMOS image sensor
logo
ATMEL Corporation
AT71200M ATMEL-AT71200M Datasheet
455Kb / 19P
   8M-pixel Color Image Sensor
Rev. 2133A-IMAGE-02/03
AT71200 ATMEL-AT71200 Datasheet
281Kb / 19P
   8M-pixel Color Image Sensor
logo
Cypress Semiconductor
LUPA-4000 CYPRESS-LUPA-4000_07 Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
CYIL1SM4000AA-GDC CYPRESS-CYIL1SM4000AA-GDC Datasheet
1Mb / 38P
   4M Pixel CMOS Image Sensor
LUPA-4000 CYPRESS-LUPA-4000 Datasheet
1Mb / 49P
   4M Pixel CMOS Image Sensor
logo
ON Semiconductor
NOIS1SM0250A ONSEMI-NOIS1SM0250A_17 Datasheet
453Kb / 24P
   Pixel Radiation Tolerant CMOS Image Sensor
January, 2017 ??Rev. 11
logo
List of Unclassifed Man...
ICM515NB ETC1-ICM515NB Datasheet
440Kb / 25P
   Color CMOS Image Sensor With 574x483 Pixel NTSC Composite Video Output
logo
Cypress Semiconductor
STAR1000 CYPRESS-STAR1000_09 Datasheet
1Mb / 21P
   1M Pixel Radiation Hard CMOS Image Sensor
CYIS1SM0250-AA CYPRESS-CYIS1SM0250-AA Datasheet
469Kb / 24P
   250K Pixel Radiation Hard CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com