Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB6M Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # MB6M
Description  Rectifier Reverse Voltage 50 to 1000V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

MB6M Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  MB6M Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. MB6M Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rating and Characteristic Curves
Fig. 2 Maximum Non-repetitive Peak
Forward Surge Current
Fig. 3 Typical Instantaneous
Forward Characteristics
Fig. 4 Typical Revers
Characteristics
Fig. 5 Typical Junction Capacitance
( TA=25 C Unless otherwise noted )
Number of Cycles at 60Hz
Instantaneous Forward
Voltage, Volts
Percent of Rated Peak Reverse
Voltage, %
Reverse Voltage, Volts
20
1
10
100
.01
0.1
1.0
10
0.4
0.6
0.8
1.0
1.2
1.4
.01
0.1
1.0
10
0
20
40
60
80
100
120
140
100
1
1.5 2
10
100
30
10
0
100
10
8.3ms
Single half-sine-Wave
[JEDEC Method]
Tj=25 C
Tj=125 C
Tj=25 C
Pulse Width=300us
2% duty cycle
Tj=25 C
f=1.0MHz
Vsin=50mV p.p.
Fig. 1 Derating Curve for
Output Rectified Current
0
0.2
60
100
40
80
120
140
60Hz Resistive of
Inductive Load
1.0
0.4
0.6
0.8
Ambient
Temperature, C
20
MB05M thru MB10M
XINGHE ELECTRONICS
星合电子
GAOMI XINGHE ELECTRONICS CO.,LTD.                      WWW.SDDZG.COM
2


Similar Part No. - MB6M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MB6M GE-MB6M Datasheet
37Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
MB6M HOTTECH-MB6M Datasheet
165Kb / 2P
   0.8 AMP BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
MB6M CHENDA-MB6M Datasheet
564Kb / 3P
   0.5A Glass Passivated Bridge Rectifier
MB6M CHENDA-MB6M Datasheet
525Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MB6M MCC-MB6M Datasheet
101Kb / 2P
   0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MB6M

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
KBP4005 GXELECTRONICS-KBP4005 Datasheet
469Kb / 2P
   Rectifier Reverse Voltage 50 to 1000V
logo
AiT Semiconductor Inc.
S1AF AITSEMI-S1AF Datasheet
551Kb / 5P
   RECTIFIER DIODE REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1A
REV1.0
S1AW AITSEMI-S1AW Datasheet
693Kb / 5P
   RECTIFIER DIODE REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1A
REV1.0
FM401 AITSEMI-FM401 Datasheet
503Kb / 5P
   GLASS RECTIFIER DIODES REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT1.0A
REV1.0
GS1A AITSEMI-GS1A Datasheet
439Kb / 5P
   RECTIFIER DIODES REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 1.0A
REV1.0
S3AF AITSEMI-S3AF Datasheet
590Kb / 5P
   RECTIFIER DIODE 50~1000V REVERSE VOLTAGE 3A CURRENT
REV1.0
S1A AITSEMI-S1A Datasheet
468Kb / 5P
   RECTIFIER DIODE 50 ~1000V REVERSE VOLTAGE 1A CURRENT
REV1.0
logo
Leshan Radio Company
UF4007 LRC-UF4007_15 Datasheet
289Kb / 7P
   Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
AiT Semiconductor Inc.
DB201S AITSEMI-DB201S Datasheet
533Kb / 5P
   BRIDGE RECTIFIER REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 2.0 A
REV1.0
logo
Leshan Radio Company
SN1A LRC-SN1A Datasheet
177Kb / 9P
   Surface Mount General Reverse Voltage 50 to 1000V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com