Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6035487 Datasheet(PDF) 3 Page - SICK AG

Part # 6035487
Description  PHOTOELECTRIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6035487 Datasheet(HTML) 3 Page - SICK AG

  6035487 Datasheet HTML 1Page - SICK AG 6035487 Datasheet HTML 2Page - SICK AG 6035487 Datasheet HTML 3Page - SICK AG 6035487 Datasheet HTML 4Page - SICK AG 6035487 Datasheet HTML 5Page - SICK AG 6035487 Datasheet HTML 6Page - SICK AG 6035487 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VTF18-4P1240V | V18V
PHOTOELECTRIC SENSORS
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
≤ 10 % 2)
Power consumption
≤ 35 mA 3)
Output type
PNP
Switching mode
Light/dark switching
Switching mode selector
Selectable via L/D control cable
Signal voltage PNP HIGH/LOW
Approx. VS – 2.0 V / 0 V
Output current Imax.
≤ 100 mA
Response time
≤ 1 ms 4)
Switching frequency
500 Hz 5)
Connection type
Male connector M12, 4-pin 6)
Circuit protection
7)
8)
9)
10)
Protection class
III
Weight
120 g
Housing material
Stainless steel, Stainless steel V4A (1.4404, 316L)
Optics material
Plastic, Plan, PPS (Grilamid)
Enclosure rating
IP67, IP68, IP69K 11)
Ambient operating temperature
–25 °C ... +80 °C 12)
Ambient storage temperature
–40 °C ... +80 °C
UL File No.
FDA, UL No. NRKH.E181493 & cUL No. NRKH7.E181493
1) Limit values.
2) May not exceed or fall below Uv tolerances.
3) Without load, at VS 30 V DC.
4) Signal transit time with resistive load.
5) With light/dark ratio 1:1.
6) With gold plated contact pins, PPS with FDA certificate.
7) A = VS connections reverse-polarity protected.
8) B = interference suppression.
9) D = outputs overcurrent and short-circuit protected.
10) D = inputs and output reverse-polarity protected.
11) With correct mounted IP69K connector.
12) +100 °C at max 15 minutes.
Classifications
ECl@ss 5.0
27270904
ECl@ss 5.1.4
27270904
ECl@ss 6.0
27270904
ECl@ss 6.2
27270904
ECl@ss 7.0
27270904
ECl@ss 8.0
27270904
ECl@ss 8.1
27270904
2017-11-09 17:58:45 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3


Similar Part No. - 6035487

ManufacturerPart #DatasheetDescription
logo
SICK AG
6035488 SICK-6035488 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSORS
6035489 SICK-6035489 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSORS
More results

Similar Description - 6035487

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com