Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDJ190A Datasheet(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

Part # 5.0SMDJ190A
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

5.0SMDJ190A Datasheet(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  5.0SMDJ190A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 5.0SMDJ190A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd 5.0SMDJ190A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd 5.0SMDJ190A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd 5.0SMDJ190A Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S003
Rev. 1.1, 28-Apr-14
www.21yangjie.com
5.0SMDJ SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
产品型号
(单向)
Part Number
(Uni)
产品型号
(双向)
Part Number
(Bi)
击穿电压 VBR@IT
Breakdown Voltage VBR@IT
最大反向漏电
流 IR @VWM
Maximum
Reverse
Leakage IR
(3)
(μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流 IPP
Maximum
Reverse Surge
Current IPP
(2)
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
最小
Min(V)
最大
Max (V)
测试电
IT
(1)(mA)
5.0SMDJ150
5.0SMDJ150C
167.00
204.00
1.0
5
150.0
18.8
268.0
5.0SMDJ150A
5.0SMDJ150CA
167.00
185.00
1.0
5
150.0
20.7
243.0
5.0SMDJ160
5.0SMDJ160C
178.00
218.00
1.0
5
160.0
17.6
287.0
5.0SMDJ160A
5.0SMDJ160CA
178.00
197.00
1.0
5
160.0
19.5
259.0
5.0SMDJ170
5.0SMDJ170C
189.00
231.00
1.0
5
170.0
16.6
304.0
5.0SMDJ170A
5.0SMDJ170CA
189.00
209.00
1.0
5
170.0
18.3
275.0
5.0SMDJ180
5.0SMDJ180C
200.20
244.80
1.0
5
180.0
15.6
322.2
5.0SMDJ180A
5.0SMDJ180CA
200.00
220.00
1.0
5
180.0
17.3
291.6
5.0SMDJ190
5.0SMDJ190C
211.30
258.40
1.0
5
190.0
14.8
340.1
5.0SMDJ190A
5.0SMDJ190CA
211.00
232.00
1.0
5
190.0
16.4
307.8
5.0SMDJ200A
5.0SMDJ200CA
224.00
247.00
1.0
5
200.0
9.2
324.0
5.0SMDJ220A
5.0SMDJ220CA
246.00
272.00
1.0
5
220.0
8.4
356.0
5.0SMDJ250A
5.0SMDJ250CA
279.00
309.00
1.0
5
250.0
7.4
405.0
5.0SMDJ300A
5.0SMDJ300CA
335.00
371.00
1.0
5
300.0
6.1
486.0
5.0SMDJ350A
5.0SMDJ350CA
391.00
432.00
1.0
5
350.0
5.3
567.0
5.0SMDJ400A
5.0SMDJ400CA
447.00
494.00
1.0
5
400.0
4.6
648.0
5.0SMDJ440A
5.0SMDJ440CA
492.00
543.00
1.0
5
440.0
4.2
713.0
备注:Notes:
(1) 脉冲测试:tp≤50ms Pulse test: tp≤50ms
(2) 浪涌电流波形,如图3,功率降额曲线如图2。
Surge current waveform per Fig. 3 and derated per Fig.2.
(3) 对于双向型,VWM在10V及10V以下,IR值加倍
For bi-directional types having VWM of 10 V and less, the IR limit is doubled
(4) 对于双向SMCJ5.0CA,VBR最大值为7.25V
For the bi-directional SMCJ5.0CA, the maximum VBR is 7.25 V


Similar Part No. - 5.0SMDJ190A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
5.0SMDJ190A SOCAY-5.0SMDJ190A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
5.0SMDJ190A RFE-5.0SMDJ190A Datasheet
1Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
16-02-2022
logo
Socay Electornics Co., ...
5.0SMDJ190A SOCAY-5.0SMDJ190A Datasheet
457Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Goodwork Semiconductor ...
5.0SMDJ190A GWSEMI-5.0SMDJ190A Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
PACELEADER INDUSTRIAL
5.0SMDJ190A PACELEADER-5.0SMDJ190A Datasheet
345Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5.0SMDJ190A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com