Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ8.5CA Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # SMBJ8.5CA
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMBJ8.5CA Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  SMBJ8.5CA Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMBJ8.5CA Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMBJ8.5CA Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMBJ8.5CA Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMBJ8.5CA Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S103
Rev. 1.3, 28-Apr-14
www.21yangjie.com
SMBJ SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA =25
unless otherwise noted)
产品型号
(单向)
Part Number
(Uni)
产品型号
(双向)
Part Number
(Bi)
击穿电压 VBR@IT
Breakdown Voltage VBR@IT
最大反向漏电
流 IR @VWM
Maximum
Reverse
Leakage IR
(3)
(μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流 IPP
Maximum
Reverse Surge
Current IPP
(2)
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
最小
Min(V)
最大
Max (V)
测试电流
IT
(1)(mA)
SMBJ5.0
SMBJ5.0C
6.40
7.30
10
800
5.0
62.5
9.6
SMBJ5.0A
SMBJ5.0CA
(4)
6.40
7.07
10
800
5.0
65.2
9.2
SMBJ6.0
SMBJ6.0C
6.67
8.15
10
800
6.0
52.6
11.4
SMBJ6.0A
SMBJ6.0CA
6.67
7.37
10
800
6.0
58.3
10.3
SMBJ6.5
SMBJ6.5C
7.22
8.82
10
500
6.5
48.8
12.3
SMBJ6.5A
SMBJ6.5CA
7.22
7.98
10
500
6.5
53.6
11.2
SMBJ7.0
SMBJ7.0C
7.78
9.51
10
200
7.0
45.1
13.3
SMBJ7.0A
SMBJ7.0CA
7.78
8.60
10
200
7.0
50.0
12.0
SMBJ7.5
SMBJ7.5C
8.33
10.20
1.0
100
7.5
42.0
14.3
SMBJ7.5A
SMBJ7.5CA
8.33
9.21
1.0
100
7.5
46.5
12.9
SMBJ8.0
SMBJ8.0C
8.89
10.90
1.0
50
8.0
40.0
15.0
SMBJ8.0A
SMBJ8.0CA
8.89
9.83
1.0
50
8.0
44.1
13.6
SMBJ8.5
SMBJ8.5C
9.44
11.50
1.0
10
8.5
37.7
15.9
SMBJ8.5A
SMBJ8.5CA
9.44
10.4
1.0
10
8.5
41.7
14.4
SMBJ9.0
SMBJ9.0C
10.00
12.20
1.0
5.0
9.0
35.5
16.9
SMBJ9.0A
SMBJ9.0CA
10.00
11.10
1.0
5.0
9.0
39.0
15.4
SMBJ10
SMBJ10C
11.10
13.60
1.0
5.0
10.0
31.9
18.8
SMBJ10A
SMBJ10CA
11.10
12.30
1.0
5.0
10.0
35.3
17.0
SMBJ11
SMBJ11C
12.20
14.90
1.0
5.0
11.0
29.8
20.1
SMBJ11A
SMBJ11CA
12.20
13.50
1.0
5.0
11.0
33.0
18.2
SMBJ12
SMBJ12C
13.30
16.30
1.0
5.0
12.0
27.3
22.0
SMBJ12A
SMBJ12CA
13.30
14.70
1.0
5.0
12.0
30.2
19.9
SMBJ13
SMBJ13C
14.40
17.60
1.0
5.0
13.0
25.2
23.8
SMBJ13A
SMBJ13CA
14.40
15.90
1.0
5.0
13.0
27.9
21.5
SMBJ14
SMBJ14C
15.60
19.10
1.0
5.0
14.0
23.2
25.8
SMBJ14A
SMBJ14CA
15.60
17.20
1.0
5.0
14.0
25.9
23.2
SMBJ15
SMBJ15C
16.70
20.40
1.0
5.0
15.0
22.3
26.9
SMBJ15A
SMBJ15CA
16.70
18.50
1.0
5.0
15.0
24.6
24.4
SMBJ16
SMBJ16C
17.80
21.80
1.0
5.0
16.0
20.8
28.8
SMBJ16A
SMBJ16CA
17.80
19.70
1.0
5.0
16.0
23.1
26.0
SMBJ17
SMBJ17C
18.90
23.10
1.0
5.0
17.0
19.6
30.5
SMBJ17A
SMBJ17CA
18.90
20.90
1.0
5.0
17.0
21.7
27.6
SMBJ18
SMBJ18C
20.00
24.40
1.0
5.0
18.0
18.6
32.2
SMBJ18A
SMBJ18CA
20.00
22.10
1.0
5.0
18.0
20.5
29.2
SMBJ19
SMBJ19C
21.10
25.70
1.0
5.0
19.0
17.6
34.0
SMBJ19A
SMBJ19CA
21.10
23.30
1.0
5.0
19.0
19.5
30.8
SMBJ20
SMBJ20C
22.20
27.10
1.0
5.0
20.0
16.7
35.8
SMBJ20A
SMBJ20CA
22.20
24.50
1.0
5.0
20.0
18.5
32.4
SMBJ22
SMBJ22C
24.40
29.80
1.0
5.0
22.0
15.2
39.4
SMBJ22A
SMBJ22CA
24.40
26.90
1.0
5.0
22.0
16.9
35.5


Similar Part No. - SMBJ8.5CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ8.5CA LITTELFUSE-SMBJ8.5CA Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Bytes
SMBJ8.5CA BYTES-SMBJ8.5CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Juxing Electr...
SMBJ8.5CA JUXING-SMBJ8.5CA Datasheet
898Kb / 4P
   Surface Mount Transient Voltage Suppressor Power 600W
logo
SEMTECH ELECTRONICS LTD...
SMBJ8.5CA SEMTECH_ELEC-SMBJ8.5CA Datasheet
318Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
MERITEK ELECTRONICS COR...
SMBJ8.5CA MERITEK-SMBJ8.5CA Datasheet
241Kb / 4P
   Transient Voltage Suppressors
More results

Similar Description - SMBJ8.5CA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com