Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ14CA Datasheet(PDF) 5 Page - Yangzhou yangjie electronic co., ltd

Part # SMAJ14CA
Description  Surface Mount Transient Voltage Suppressor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMAJ14CA Datasheet(HTML) 5 Page - Yangzhou yangjie electronic co., ltd

  SMAJ14CA Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMAJ14CA Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMAJ14CA Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMAJ14CA Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMAJ14CA Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd SMAJ14CA Datasheet HTML 6Page - Yangzhou yangjie electronic co., ltd SMAJ14CA Datasheet HTML 7Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SMAJ SERIES 
 
5 / 7
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S096
Rev. 2.0, 28-Apr-14
www.21yangjie.com
Notes:
(4) Pulse test: tp≤50ms
(5) Surge current waveform per Fig. 3 and derated per Fig.2.
(6) For bi-directional types having VWM of 10 V and less, the IR limit is doubled
■ Characteristics (Typical)
0
200
0
TJ(℃)
FIG2: Pulse Power or Current vs. Initial Junction Temperature
100
50
25
75
175
150
125
100
75
50
25
04.0
0
t(ms)
FIG3: Pulse Waveform
150
50
100
3.0
2.0
1.0
TJ=25℃
Pulse Width(td) is defined as
the Point where the Peak
Current Decays to 50% of IPPM
10/1000μs Waveform as
Defined by R.E.A.
tr=10μs
Peak Value
IPPM
Half Value - IPP
2
IPPM
td
0.001
0.01
0.1
1
10
1000
1
tp(s)
FIG4:Typical Transient Thermal Impedance
1000
10
100
100
0
10
100
10
Number of Cycles
FIG5: Maximum Non-Repetitive Surge Current
100
40
20
60
80
TJ=TJMax.
8.3ms Single Half Sine-Wave
5
0.1μs1μs10μs100μs
1.0ms
10ms
0.1
td(μs)
FIG1:Peak Pulse Power Rating Curve
1.0
100
10
不重复脉冲波形见图
3
Non-Repetitive Pulse
Waveform shown in Fige.3
TA=25℃
0.2×0.2"(5.0×5.0mm)
Copper Pad Areas


Similar Part No. - SMAJ14CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ14CA BYTES-SMAJ14CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Guangdong Youtai Semico...
SMAJ14CA UMW-SMAJ14CA Datasheet
783Kb / 4P
   5.0V-188V 400W
logo
Diodes Incorporated
SMAJ14CA DIODES-SMAJ14CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ14CA PACELEADER-SMAJ14CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
SMAJ14CA ANOVA-SMAJ14CA Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMAJ14CA

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
1.5SMC12AQ YANGJIE-1.5SMC12AQ Datasheet
245Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
SMDJ RFE-SMDJ Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
28-APR-2023
logo
SUNMATE electronic Co.,...
CD214B-T5.0A SUNMATE-CD214B-T5.0A Datasheet
510Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Yangzhou yangjie electr...
P4SMA12AQ YANGJIE-P4SMA12AQ Datasheet
233Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
SMCJ10AQ YANGJIE-SMCJ10AQ Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
5.0SMDJ RFE-5.0SMDJ Datasheet
1Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
16-02-2022
logo
SUNMATE electronic Co.,...
5.0SMDJ5.0A SUNMATE-5.0SMDJ5.0A Datasheet
839Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214A-T5.0A SUNMATE-CD214A-T5.0A Datasheet
518Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214C-T5.0A SUNMATE-CD214C-T5.0A Datasheet
520Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
TPSMA6.8A SUNMATE-TPSMA6.8A Datasheet
541Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com