Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2596GSJCN263 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CM2596GSJCN263
Description  3A STEP DOWN VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM2596GSJCN263 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CM2596GSJCN263 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2596GSJCN263 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2596GSJCN263 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2596GSJCN263 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2596GSJCN263 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2596GSJCN263 Datasheet HTML 9Page - List of Unclassifed Manufacturers CM2596GSJCN263 Datasheet HTML 10Page - List of Unclassifed Manufacturers CM2596GSJCN263 Datasheet HTML 11Page - List of Unclassifed Manufacturers CM2596GSJCN263 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CM2596
3A STEP DOWN VOLTAGE REGULATOR
2005/03/04
Champion Microelectronic Corporation
Page 9
Output Voltage Ripple and Transients
The output ripple voltage is due mainly to the inductor sawtooth ripple current multiplied by the ESR of the output capacitor. The
output ripple voltage of a switching power supply will contain a sawtooth ripple voltages at the switcher frequency, typically about
1% of the output voltages, and may also contain short voltage spikes of the sawtooth waveform.
Due to the fast switching action, and the parasitic inductance of the output filter capacitor, there is voltage spikes presenting at
the peaks of the sawtooth waveform. Cautions must be taken for stray capacitance, wiring inductance, and even the scope
probes used for transients evaluation. To minimize these voltage spikes, shortening the lead length and PCB traces is always the
first thought. Further more, an additional small LC filter (30uH & 100uF) (as shown in Figure 3) will possibly provide a 10X
reduction in output ripple voltage and transients.
3uF
470uF
Cin
L1
68uH
220uF
Cout
Inductor Selection
The CM2596 can be used for either continuous or discontinuous modes of operation. Each mode has distinctively different
operating characteristics, which can affect the regulator performance and requirements.
With relatively heavy load currents, the circuit operates in the continuous mode (inductor current always flowing), but under light
load conditions, the circuit will be forced to the discontinuous mode (inductor current falls to zero for a period of time). For light
loads (less than approximately 300mA) it may be desirable to operate the regulator in the discontinuous mode, primarily because
of the lower inductor values required for the discontinuous mode.
Inductors are available in different styles such as pot core, toriod, E-frame, bobbin core, et., as well as different core materials,
such as ferrites and powdered iron. The least expensive, the bobbin core type, consists of wire wrapped on a ferrite rod core.
This type of construction makes for an inexpensive inductor, but since the magnetic flux is not completely contained within the
core, it generates more electromagnetic interference (EMI). This EMI can cause problems in sensitive circuits, or can give
incorrect scope readings because of induced voltages in the scope probe.
An inductor should not be operated beyond its maximum rated current because it may saturate. When an inductor begins to
saturate, the inductance decreases rapidly and the inductor begins to look mainly resistive (the DC resistance of the winding).
This will cause the switch current to rise very rapidly. Different inductor types have different saturation characteristics, and this
should be well considered when selecting as inductor.


Similar Part No. - CM2596GSJCN263

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596SCN220 CHAMP-CM2596SCN220 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596SCN263 CHAMP-CM2596SCN263 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596SGCN220 CHAMP-CM2596SGCN220 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596SGCN220B CHAMP-CM2596SGCN220B Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
More results

Similar Description - CM2596GSJCN263

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
ADDtek Corp
AMC2576 ADDTEK-AMC2576 Datasheet
176Kb / 14P
   3A STEP DOWN VOLTAGE REGULATOR
DECEMBER 2006
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com