Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GR3A Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # GR3A
Description  Surface Mount Fast Recovery Rectifier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GR3A Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  GR3A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GR3A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd GR3A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd GR3A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GR3A THRU GR3M
Surface Mount Fast Recovery Rectifier Diode
Features
● High current capability
● High reliability
● High surge current capability
● Low power loss
● Solder dip 260°C max. 10 s, per JESD 22-B106
Mechanical Data
Package: DO-214AB (SMC)
Molding compound meets UL 94 V-0 flammability rating,
RoHS-compliant
Terminals: Tin plated leads, solderable per J-STD-
002 and JESD22-B102
Polarity:Color band denotes cathode end
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
GR3A
GR3B
GR3D
GR3G
GR3J
GR3K
GR3M
Device marking code
GR3A
GR3B
GR3D
GR3G
GR3J
GR3K
GR3M
Repetitive Peak Reverse Voltage
V
RRM
V
50
100
200
400
600
800
1000
Average Rectified Output Current
@60Hz sine wave, Resistance load, Ta (FIG.1)
I
O
A
3.0
Forward Surge Current (Non-repetitive)
@ 60Hz Half-sine wave,1 cycle, Ta=25℃
I
FSM
A
100
Storage Temperature
Tstg
-55 ~+150
Junction Temperature
Tj
-55 ~+150
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
GR3A
GR3B
GR3D
GR3G
GR3J
GR3K
GR3M
Maximum instantaneous forward
voltage drop per diode
VF
V
IFM =3.0A
1.3
Maximum reverse recovery time
TRR
ns
IF=0.5A,IR=1.0A,
Irr=0.25A
150
250
500
Maximum DC reverse current at
rated DC blocking voltage per diode
IR
μA
Ta=25℃
10
Ta=100℃
250
Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
GR3A
GR3B
GR3D
GR3G
GR3J
GR3K
GR3M
Thermal
Resistance
Junction to ambient
RθJ-A
℃/W
50
1)
Junction to terminal
RθJ-L
15
1)
Note(1)
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.3" x 0.3" (8 mm x 8mm) copper pad areas
COMPLIANT
RoHS
1 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S046
Rev. 2.0, 28-Apr-14
www.21yangjie.com


Similar Part No. - GR3A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3A GOOD-ARK-GR3A Datasheet
171Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Silicon Standard Corp.
GR3A SSC-GR3A Datasheet
271Kb / 3P
   FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Gulf Semiconductor
GR3A GULFSEMI-GR3A Datasheet
230Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?3.0A
logo
EIC discrete Semiconduc...
GR3A EIC-GR3A Datasheet
67Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Yangzhou yangjie electr...
GR3A YANGJIE-GR3A Datasheet
143Kb / 2P
   Fast Recovery Rectifier Diode
More results

Similar Description - GR3A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10ETF06SLHM3 VISHAY-VS-10ETF06SLHM3 Datasheet
251Kb / 9P
   Surface Mount Fast Soft Recovery Rectifier Diode, 10 A
Revision: 22-Feb-18
VS-20ETF06SLHM3 VISHAY-VS-20ETF06SLHM3 Datasheet
356Kb / 9P
   Surface Mount Fast Soft Recovery Rectifier Diode, 20 A
Revision: 22-Feb-18
VS-8EWF06SLHM3 VISHAY-VS-8EWF06SLHM3 Datasheet
192Kb / 6P
   Surface Mount Fast Soft Recovery Rectifier Diode
Revision: 22-Feb-18
VS-10ETF12SLHM3 VISHAY-VS-10ETF12SLHM3 Datasheet
244Kb / 9P
   Surface Mount Fast Soft Recovery Rectifier Diode,10 A
Revision: 22-Feb-18
VS-20ETF12SLHM3 VISHAY-VS-20ETF12SLHM3 Datasheet
251Kb / 9P
   Surface Mount Fast Soft Recovery Rectifier Diode
Revision: 22-Feb-18
logo
Sanken electric
SFPX-62 SANKEN-SFPX-62 Datasheet
18Kb / 1P
   Surface mount 1.5A Ultra-fast-recovery rectifier diode
logo
Shanghai Shunye Electro...
FR1A SY-FR1A Datasheet
234Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
SRTA EIC-SRTA_05 Datasheet
56Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
RS2A PACELEADER-RS2A Datasheet
323Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
RS1AF PANJIT-RS1AF Datasheet
268Kb / 4P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com