Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9433DS Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG9433DS
Description  Low-Voltage Dual SPST Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9433DS Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG9433DS Datasheet HTML 2Page - Vishay Siliconix DG9433DS Datasheet HTML 3Page - Vishay Siliconix DG9433DS Datasheet HTML 4Page - Vishay Siliconix DG9433DS Datasheet HTML 5Page - Vishay Siliconix DG9433DS Datasheet HTML 6Page - Vishay Siliconix DG9433DS Datasheet HTML 7Page - Vishay Siliconix DG9433DS Datasheet HTML 8Page - Vishay Siliconix DG9433DS Datasheet HTML 9Page - Vishay Siliconix DG9433DS Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DG9432/9433/9434
Vishay Siliconix
New Product
www.vishay.com
6
Document Number: 72311
S-31643—Rev. A, 01-Aug-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
25
50
75
100
125
150
02468
10
12
- 60
- 40
- 20
0
20
40
60
80
100
- 60
- 40
- 20
0
20
40
60
80
100
1000
10
0.1
0
20
40
60
80
100
120
02468
10
12
rON vs. VCOM and Single Supply Voltage
VCOM - Analog Voltage (V)
T = 25
_C
IS = 1 mA
V+ = 5 V
V+ = 2.5 V
V+ = 10 V
0
20
40
60
80
100
- 60
- 40
- 20
0
20
40
60
80
100
Switching Time vs. Temperature
Leakage Current vs. Temperature
Suppy Current vs. Temperature
rON vs. Analog Voltage and Temperature
VCOM - Analog Voltage (V)
Temperature (
_C)
Temperature (
_C)
1
100
100
10
1
Temperature (
_C)
V+ = 12 V
A
B
C
C
A = 85
_C
B = 25
_C
C = - 40
_C
ICOM = 1 mA
V+ = 2.5 V
V+ = 12 V
A
B
C
V+ = 5 V
V+ = 5 V
VIN = 0 V
V+ = 12 V
ICOM(on)
INO(off)
ICOM(off)
tON V+ = 2.5 V
tOFF V+ = 2.5 V
tON V+ = 5 V
tOFF V+ = 5 V
- 200
- 150
- 100
-50
0
50
100
150
200
02468
10
12
Leakage Current vs. Analog Voltage
VCOM, VNO, VNC - Analog Voltage
ICOM(on)
INO(off)/INC(off)
ICOM(off)
A
B


Similar Part No. - DG9433DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9433DS-T1-E3 VISHAY-DG9433DS-T1-E3 Datasheet
176Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 23-May-11
DG9433DS-T1-E3 VISHAY-DG9433DS-T1-E3 Datasheet
176Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 23-May-11
DG9433DS-T1-E3 VISHAY-DG9433DS-T1-E3 Datasheet
180Kb / 12P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results

Similar Description - DG9433DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
   Low-Voltage Dual SPST Analog Switch
18-Jul-08
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. D, 20-Jun-11
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. F, 23-May-11
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9232 VISHAY-DG9232 Datasheet
54Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. E, 14-May-07
DG9432 VISHAY-DG9432_11 Datasheet
176Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 23-May-11
DG9233 VISHAY-DG9233_V01 Datasheet
216Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com