Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD165C08D2 Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # MD165C08D2
Description  Glass Passivated Rectifier Diode Modules Diode Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

MD165C08D2 Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  MD165C08D2 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd MD165C08D2 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd MD165C08D2 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MD165C(A/K)-D2
COMPLIANT
RoHS
Module Type
TYPE
VRRM
VRSM
MD165C08D2
MD165C12D2
MD165C16D2
MD165C18D2
MD165A08D2
MD165A12D2
MD165A16D2
MD165A18D2
MD165K08D2
MD165K12D2
MD165K16D2
MD165K18D2
800V
1200V
1600V
1800V
900V
1300V
1700V
1900V
Maximum Ratings
Symbol
Conditions
Values
Units
IFAV
Single phase ,half wave 180°conduction Tc=101℃
165
A
IFSM
t=10mS Tvj =45℃
6000
A
i
2t
t=10mS Tvj =45℃
180000
A
2s
Visol
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
-40 to +150
Tstg
-40 to +125
Mt
To terminals(M6)
5±15%
Nm
Ms
To heatsink(M6)
5±15%
Nm
Weight
Module (Approximately)
160
g
Thermal Characteristics
Symbol
Conditions
Values
Units
Rth(j-c)
Per diode
0.21
℃/W
Rth(c-s)
Module
0.05
℃/W
Electrical Characteristics
Glass Passivated Rectifier
Diode Modules
VRRM 800 to 1800V
IFAV
165 Amp
Applications
Non-controllable rectifiers for AC/AC
converters
Line rectifiers for transistorized AC motor
controllers
Field supply for DC motors
Features
Blocking voltage:800 to 1800V
Heat transfer through aluminum oxide DBC
ceramic isolated metal baseplate
Glass passivated chip
UL recognized applied for file no. E360040
Symbol
Conditions
Values
Units
Min.
Typ.
Max.
VFM
T=25℃ IF =300A
1.20
1.40
V
IRD
Tvj=150℃ VRD=VRRM
9
mA
rf
TJ=25℃
1.25
VfO
0.82
V
Circuit
MD165K18D2
1
3
2
MD165A18D2
1
3
2
MD165C18D2
1
3
2
S-M006
www.21yangjie.com
Rev.2.0, 27-May-17
1


Similar Part No. - MD165C08D2

ManufacturerPart #DatasheetDescription
logo
Jiangsu APT Semiconduct...
MD165C08D2 APTSEMI-MD165C08D2 Datasheet
131Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Shanghai Leiditech Elec...
MD165C08D2 LEIDITECH-MD165C08D2 Datasheet
309Kb / 3P
   Glass Passivated Rectifier Diode Modules
More results

Similar Description - MD165C08D2

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MD36C08D1 YANGJIE-MD36C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD70C08D1 YANGJIE-MD70C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD60C08D1 YANGJIE-MD60C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD100C08D1 YANGJIE-MD100C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
logo
List of Unclassifed Man...
MSCD36B ETC2-MSCD36B Datasheet
155Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Microsemi Corporation
MSKD200-16 MICROSEMI-MSKD200-16 Datasheet
142Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Shanghai Leiditech Elec...
MD60C18J1 LEIDITECH-MD60C18J1 Datasheet
340Kb / 3P
   Glass Passivated Rectifier Diode Modules
MD165C18J2 LEIDITECH-MD165C18J2 Datasheet
321Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Jiangsu APT Semiconduct...
MD36C18D1 APTSEMI-MD36C18D1 Datasheet
89Kb / 3P
   Glass Passivated Rectifier Diode Modules
MD60C18D1 APTSEMI-MD60C18D1 Datasheet
89Kb / 3P
   Glass Passivated Rectifier Diode Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com