Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS1103 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # IS1103
Description  Switching Mode Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS1103 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  IS1103 Datasheet HTML 1Page - ISOCOM COMPONENTS IS1103 Datasheet HTML 2Page - ISOCOM COMPONENTS IS1103 Datasheet HTML 3Page - ISOCOM COMPONENTS IS1103 Datasheet HTML 4Page - ISOCOM COMPONENTS IS1103 Datasheet HTML 5Page - ISOCOM COMPONENTS IS1103 Datasheet HTML 6Page - ISOCOM COMPONENTS IS1103 Datasheet HTML 7Page - ISOCOM COMPONENTS IS1103 Datasheet HTML 8Page - ISOCOM COMPONENTS IS1103 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 30/4/2013
DC93168
IS1100
ISOCOM
COMPONENTS
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
INPUT
OUTPUT
Parameter
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward Voltage
VF
IF = 20mA
1.2
1.4
V
Input Capacitance
CIN
VF = 0V, f = 1KHz
30
250
pF
Reverse Current
IR
VR = 4V
10
μA
Parameter
Symbol
Test Condition
Min
Max
Unit
Collector-Emitter
breakdown Voltage
BVCEO
IC = 0.1mA, IF = 0mA
80
V
Emitter-Collector
breakdown Voltage
BVECO
IE = 0.1mA, IF = 0mA
7
V
Collector-Emitter
Dark Current
ICEO
VCE = 20V, IF = 0mA
100
nA
Typ.


Similar Part No. - IS1103

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IS111 NJSEMI-IS111 Datasheet
351Kb / 1P
   TRANSIENT VOLTAGE SUPPRESSOR
IS111 NJSEMI-IS111 Datasheet
351Kb / 1P
   General Purpose Diodes
IS111 NJSEMI-IS111 Datasheet
351Kb / 1P
   GENERAL PURPOSE DIODES
IS111 NJSEMI-IS111 Datasheet
351Kb / 1P
   General Purpose Diodes
IS111 NJSEMI-IS111 Datasheet
351Kb / 1P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - IS1103

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF10A400HDS KODENSHI-SF10A400HDS Datasheet
344Kb / 4P
   Switching mode power supply
logo
ISOCOM COMPONENTS
ISLT100X ISOCOM-ISLT100X Datasheet
842Kb / 11P
   Switching Mode Power Supply
logo
Toshiba Semiconductor
U5FWK2C42 TOSHIBA-U5FWK2C42 Datasheet
184Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2C48A TOSHIBA-20DL2C48A_06 Datasheet
345Kb / 6P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2CZ47A TOSHIBA-20DL2CZ47A_06 Datasheet
307Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
30GWJ2C42C TOSHIBA-30GWJ2C42C_06 Datasheet
516Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATON
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
   Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
   Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
   Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
   Switching Mode Power Supply Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com