Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPD1 Datasheet(PDF) 6 Page - ISOCOM COMPONENTS

Part # FPD1
Description  Computer terminals
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

FPD1 Datasheet(HTML) 6 Page - ISOCOM COMPONENTS

  FPD1 Datasheet HTML 1Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 2Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 3Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 4Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 5Page - ISOCOM COMPONENTS FPD1 Datasheet HTML 6Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
12/07/01
Appendix to Mini Flat Pack FPD-AAS/A1
TEMPERATURE PROFILE OF SOLDERING REFLOW
(1) One time soldering reflow is recommended within the condition of temperature and time profile
shown below.
30 seconds
1 minute
2 minutes
1.5 minutes
1 minute
25 C
180 C
200 C
230 C
(2) When using another soldering method such as infrated ray lamp, the temperature may rise
partially in the mold of the device.
Keep the temperature on the package of the device within the condition of above (1).


Similar Part No. - FPD1

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
FPD1 ISOCOM-FPD1 Datasheet
625Kb / 2P
   Computer terminals
logo
Filtronic Compound Semi...
FPD10000AF FILTRONIC-FPD10000AF Datasheet
185Kb / 3P
   10W PACKAGED POWER PHEMT
FPD10000V FILTRONIC-FPD10000V Datasheet
240Kb / 3P
   10W POWER PHEMT FOR WIMAX POWER AMPLIFIERS
FPD1000AS FILTRONIC-FPD1000AS Datasheet
533Kb / 8P
   1W PACKAGED POWER PHEMT
FPD1000AS FILTRONIC-FPD1000AS Datasheet
539Kb / 11P
   1W PACKAGED POWER PHEMT
More results

Similar Description - FPD1

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS2701-1 ISOCOM-IS2701-1 Datasheet
62Kb / 2P
   Computer terminals
IS124 ISOCOM-IS124 Datasheet
59Kb / 2P
   Computer terminals
IS452 ISOCOM-IS452 Datasheet
316Kb / 6P
   Computer terminals
IS2732-1 ISOCOM-IS2732-1 Datasheet
337Kb / 1P
   Computer terminals
IS126 ISOCOM-IS126 Datasheet
57Kb / 2P
   Computer terminals
IS354 ISOCOM-IS354 Datasheet
58Kb / 2P
   Computer terminals
IS355 ISOCOM-IS355 Datasheet
625Kb / 2P
   Computer terminals
IS2705-1 ISOCOM-IS2705-1 Datasheet
315Kb / 6P
   Computer terminals
logo
Ohmite Mfg. Co.
RES-LVC OHMITE-RES-LVC Datasheet
360Kb / 2P
   Computer
logo
Microsemi Corporation
1N3064 MICROSEMI-1N3064 Datasheet
44Kb / 1P
   COMPUTER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com