Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS627 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # IS627
Description  Modems
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS627 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  IS627 Datasheet HTML 1Page - ISOCOM COMPONENTS IS627 Datasheet HTML 2Page - ISOCOM COMPONENTS IS627 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB92688
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
ForwardVoltage (V
F)
1.2
1.4
V
I
F = 10mA
Reverse Current (I
R)10
μAV
R = 4V
Output
Collector-emitter Breakdown (BV
CEO )
300
V
I
C = 0.1mA
Emitter-collector Breakdown (BV
ECO )
0.1
V
I
E = 10μA
Collector-emitter Dark Current (I
CEO )
10
200
nA
V
CE = 200V
Coupled
Current Transfer Ratio (CTR)
1000
4000 15000 %
1mA I
F , 2V VCE
Collector-emitterSaturationVoltageV
CE(SAT)
1.2
V
20mA I
F , 100mA IC
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
Ω
V
IO = 500V (note 1)
Input-output Capacitance
Cf
1
pF
V = 0, f =1MHz
Cut-off Frequency
fc
7
kHz
V
Ce = 2V, IC= 20mA,
R
L = 100Ω, −3dB
Output Rise Time
tr
100
300
μsV
Ce = 2V, IC= 20mA,
Output Fall Time
tf
20
100
μsR
L = 100Ω
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
3/10/14
ELECTRICAL CHARACTERISTICS ( T
A= 25°C Unless otherwise noted )
Input
Output
10%
90%
10%
90%
t
off
t
r
t
on
t
f
Output
V
CC
I
C = 20mA
Input
FIGURE 1
100
Ω


Similar Part No. - IS627

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62/65WV2568DALL ISSI-IS62/65WV2568DALL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62/65WV2568DBLL ISSI-IS62/65WV2568DBLL Datasheet
493Kb / 14P
   256K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
IS620 ETC-IS620 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS621 ETC-IS621 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS622 ETC-IS622 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
More results

Similar Description - IS627

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
OPTO-232SL PURDY-OPTO-232SL Datasheet
632Kb / 1P
   switchable modems
logo
Toshiba Semiconductor
TLP224G TOSHIBA-TLP224G_14 Datasheet
141Kb / 5P
   Modems PBX Telecommunications
TLP592G TOSHIBA-TLP592G_14 Datasheet
248Kb / 6P
   Telecommunications PBX Modems
TLP592G TOSHIBA-TLP592G Datasheet
133Kb / 6P
   Telecommunications PBX Modems
logo
Purdy Electronics Corpo...
OPTO-232C PURDY-OPTO-232C Datasheet
579Kb / 1P
   4 Channels Modems
logo
Digi International Inc.
XTP9B-PKI-R DIGI-XTP9B-PKI-R Datasheet
386Kb / 3P
   XTEND짰-PKG RF MODEMS
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G Datasheet
138Kb / 6P
   Cordless Telephones PBX Modems
logo
Purdy Electronics Corpo...
OPTO-3800S PURDY-OPTO-3800S Datasheet
720Kb / 1P
   Centronics Modems Printer Interface
logo
Red Lion Controls. Inc
VT-MODEM-1WW REDLION-VT-MODEM-1WW Datasheet
912Kb / 2P
   Rugged Industrial Telephone Modems
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_14 Datasheet
255Kb / 6P
   Cordless Telephones PBX Modems
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com