Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65111A8563 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # Q65111A8563
Description  Omnidirectional retrofits
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A8563 Datasheet(HTML) 1 Page - OSRAM GmbH

  Q65111A8563 Datasheet HTML 1Page - OSRAM GmbH Q65111A8563 Datasheet HTML 2Page - OSRAM GmbH Q65111A8563 Datasheet HTML 3Page - OSRAM GmbH Q65111A8563 Datasheet HTML 4Page - OSRAM GmbH Q65111A8563 Datasheet HTML 5Page - OSRAM GmbH Q65111A8563 Datasheet HTML 6Page - OSRAM GmbH Q65111A8563 Datasheet HTML 7Page - OSRAM GmbH Q65111A8563 Datasheet HTML 8Page - OSRAM GmbH Q65111A8563 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
2016-07-19
1
2016-07-19
SOLERIQ
® L 38
Datasheet
Version 1.4
GW T3LSF1.EM
The SOLERIQ® L 38 combines high efficacy and a
wide beam angle into small footprint ( 30.0mm x
1.8mm), which is ideal choice for all 360° bulb and
candle light application.
The SOLERIQ® L 38 combines high efficacy and a
wide beam angle into small footprint ( 30.0mm x
1.8mm), which is ideal choice for all 360° bulb and
candle light application.
Features:
Besondere Merkmale:
Package: Chip-on-Board
Gehäusetyp: Chip-on-Board
Viewing angle at 50 % I
V: 360°
Abstrahlwinkel bei 50 % I
V: 360°
Color: 2200 K - 4000 K (white)
Farbe: 2200 K - 4000 K (weiß)
CRI: min. 80
CRI: min. 80
Luminous Flux: typ. 142 lm @ 2700 K
Lichtstrom: typ. 142 lm @ 2700 K
Luminous efficacy: typ. 154 lm/W @ 2700 K
Lichtausbeute: typ. 154 lm/W @ 2700 K
Applications
Anwendungen
Omnidirectional retrofits
Omnidirektionale Retrofits
Retrofits and fixtures
Retrofits


Similar Part No. - Q65111A8563

ManufacturerPart #DatasheetDescription
logo
ams AG
Q65111A8542 AMSCO-Q65111A8542 Datasheet
2Mb / 27P
   Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
Q65111A8543 AMSCO-Q65111A8543 Datasheet
2Mb / 27P
   Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
Q65111A8544 AMSCO-Q65111A8544 Datasheet
2Mb / 27P
   Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
Version 1.6
logo
OSRAM GmbH
Q65111A8549 OSRAM-Q65111A8549 Datasheet
1Mb / 18P
   Omnidirectional retrofits
Q65111A8550 OSRAM-Q65111A8550 Datasheet
1Mb / 18P
   Omnidirectional retrofits
More results

Similar Description - Q65111A8563

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWT3LPF1.EM OSRAM-GWT3LPF1.EM Datasheet
5Mb / 20P
   Omnidirectional retrofits
GWT3LMF1.EM OSRAM-GWT3LMF1.EM Datasheet
1Mb / 18P
   Omnidirectional retrofits
GWP7LL31.CM OSRAM-GWP7LL31.CM Datasheet
1Mb / 24P
   Omnidirectional retrofits
GWT3LRF1.EM OSRAM-GWT3LRF1.EM Datasheet
1Mb / 18P
   Omnidirectional retrofits
GWP9LT31.EM OSRAM-GWP9LT31.EM Datasheet
2Mb / 24P
   Directional retrofits
GWP7LL32.EM OSRAM-GWP7LL32.EM Datasheet
1Mb / 24P
   Directional retrofits
GWP7LP32.PM OSRAM-GWP7LP32.PM Datasheet
3Mb / 24P
   Directional retrofits
GWP9LR32.EM OSRAM-GWP9LR32.EM Datasheet
2Mb / 24P
   Directional retrofits
GWP7LM32.PM OSRAM-GWP7LM32.PM Datasheet
1Mb / 24P
   Directional retrofits
GWP9LT32.EM OSRAM-GWP9LT32.EM Datasheet
1Mb / 24P
   Directional retrofits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com