Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65111A4104 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # Q65111A4104
Description  White Goods Lighting
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A4104 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button Q65111A4104 Datasheet HTML 3Page - OSRAM GmbH Q65111A4104 Datasheet HTML 4Page - OSRAM GmbH Q65111A4104 Datasheet HTML 5Page - OSRAM GmbH Q65111A4104 Datasheet HTML 6Page - OSRAM GmbH Q65111A4104 Datasheet HTML 7Page - OSRAM GmbH Q65111A4104 Datasheet HTML 8Page - OSRAM GmbH Q65111A4104 Datasheet HTML 9Page - OSRAM GmbH Q65111A4104 Datasheet HTML 10Page - OSRAM GmbH Q65111A4104 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Version 1.1
KW DCLMS1.PC
2015-01-19
7
7A
0.2924
0.3076
5D
0.3108
0.3229
6J
0.3524
0.3555
0.2936
0.3034
0.3119
0.3162
0.3536
0.3646
0.2978
0.3181
0.3162
0.3282
0.3608
0.3616
0.2990
0.3131
0.3170
0.3212
0.3625
0.3711
4B
0.3015
0.3033
6D
0.3098
0.3296
7J
0.3536
0.3646
0.3032
0.2968
0.3108
0.3229
0.3548
0.3736
0.3068
0.3113
0.3154
0.3352
0.3625
0.3711
0.3083
0.3044
0.3162
0.3282
0.3642
0.3805
5B
0.3002
0.3082
7D
0.3087
0.3363
5K
0.3591
0.3522
0.3015
0.3033
0.3098
0.3296
0.3608
0.3616
0.3056
0.3171
0.3146
0.3422
0.3670
0.3578
0.3068
0.3113
0.3154
0.3352
0.3692
0.3677
6B
0.2990
0.3131
5H
0.3366
0.3369
6K
0.3608
0.3616
0.3002
0.3082
0.3369
0.3451
0.3625
0.3711
0.3044
0.3228
0.3440
0.3428
0.3692
0.3677
0.3056
0.3171
0.3448
0.3515
0.3714
0.3775
7B
0.2978
0.3181
6H
0.3369
0.3451
7K
0.3625
0.3711
0.2990
0.3131
0.3373
0.3534
0.3642
0.3805
0.3032
0.3286
0.3448
0.3515
0.3714
0.3775
0.3044
0.3228
0.3456
0.3601
0.3736
0.3874
4C
0.3068
0.3113
7H
0.3373
0.3534
0.3081
0.3049
0.3376
0.3616
0.3119
0.3162
0.3456
0.3601
0.3130
0.3095
0.3464
0.3688
5C
0.3055
0.3177
5I
0.3440
0.3428
0.3068
0.3113
0.3448
0.3515
0.3108
0.3229
0.3515
0.3487
0.3119
0.3162
0.3527
0.3578
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy


Similar Part No. - Q65111A4104

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A4188 OSRAM-Q65111A4188 Datasheet
430Kb / 34P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
Q65111A4190 OSRAM-Q65111A4190 Datasheet
732Kb / 13P
   High Power Infrared Emitter (940 nm)
More results

Similar Description - Q65111A4104

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MOV-14D180K BOURNS-MOV-14D180K Datasheet
690Kb / 4P
   Metal Oxide Varistor White goods / appliances Telecom systems
logo
NXP Semiconductors
UM10523 PHILIPS-UM10523 Datasheet
430Kb / 14P
   TEA1721 universal mains white goods flyback SMPS demo board
Rev. 1-27 January 2012
logo
TE Connectivity Ltd
PCB-REL TEC-PCB-REL Datasheet
234Kb / 2P
   Especially suited for applications white goods consumer electronics, etc.
logo
Power Integrations, Inc...
DI-138 POWERINT-DI-138 Datasheet
159Kb / 2P
   1.2 W, Non-isolated Dual Output Supply for White Goods
logo
ON Semiconductor
EVBUM2652 ONSEMI-EVBUM2652 Datasheet
2Mb / 17P
   8W Auxiliary Power for White Goods and Industrial Equipment with FSL518APG
July, 2019 ??Rev. 1
logo
SYNC POWER Crop.
SPM10WL SYNC-POWER-SPM10WL Datasheet
126Kb / 3P
   White LED Power Module for Lighting
logo
Seoul Semiconductor
TWH104-HE SEOUL-TWH104-HE Datasheet
317Kb / 13P
   White color lighting SMD Chip LED
logo
ATMEL Corporation
AT98SC008CT ATMEL-AT98SC008CT Datasheet
1Mb / 18P
   High-tech goods counterfeiting
logo
ETAL Group
BMS01 ETAL-BMS01 Datasheet
733Kb / 6P
   Utility vehicles for hazardous goods
logo
ON Semiconductor
NCP11187A65P45WGEVB ONSEMI-NCP11187A65P45WGEVB Datasheet
8Mb / 28P
   45 W Auxiliary Power Supply for White Goods and Industrial Equipment with NCP11187A65
August, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com