Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65111A4105 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # Q65111A4105
Description  White Goods Lighting
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A4105 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button Q65111A4105 Datasheet HTML 6Page - OSRAM GmbH Q65111A4105 Datasheet HTML 7Page - OSRAM GmbH Q65111A4105 Datasheet HTML 8Page - OSRAM GmbH Q65111A4105 Datasheet HTML 9Page - OSRAM GmbH Q65111A4105 Datasheet HTML 10Page - OSRAM GmbH Q65111A4105 Datasheet HTML 11Page - OSRAM GmbH Q65111A4105 Datasheet HTML 12Page - OSRAM GmbH Q65111A4105 Datasheet HTML 13Page - OSRAM GmbH Q65111A4105 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
2015-01-19
10
Version 1.1
KW DCLMS1.PC
Radiation Characteristics 6) page 24
Abstrahlcharakteristik 6) Seite 24
Irel = f (ϕ); TS = 25 °C
KW DCLMS1.PC (4500K)
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ [°]
0,0
0,2
0,4
0,6
0,8
1,0
Irel


Similar Part No. - Q65111A4105

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A4188 OSRAM-Q65111A4188 Datasheet
430Kb / 34P
   Ambient Light and Proximity Sensor with Integrated 850nm IR Emitter
Q65111A4190 OSRAM-Q65111A4190 Datasheet
732Kb / 13P
   High Power Infrared Emitter (940 nm)
More results

Similar Description - Q65111A4105

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MOV-14D180K BOURNS-MOV-14D180K Datasheet
690Kb / 4P
   Metal Oxide Varistor White goods / appliances Telecom systems
logo
NXP Semiconductors
UM10523 PHILIPS-UM10523 Datasheet
430Kb / 14P
   TEA1721 universal mains white goods flyback SMPS demo board
Rev. 1-27 January 2012
logo
TE Connectivity Ltd
PCB-REL TEC-PCB-REL Datasheet
234Kb / 2P
   Especially suited for applications white goods consumer electronics, etc.
logo
Power Integrations, Inc...
DI-138 POWERINT-DI-138 Datasheet
159Kb / 2P
   1.2 W, Non-isolated Dual Output Supply for White Goods
logo
ON Semiconductor
EVBUM2652 ONSEMI-EVBUM2652 Datasheet
2Mb / 17P
   8W Auxiliary Power for White Goods and Industrial Equipment with FSL518APG
July, 2019 ??Rev. 1
logo
SYNC POWER Crop.
SPM10WL SYNC-POWER-SPM10WL Datasheet
126Kb / 3P
   White LED Power Module for Lighting
logo
Seoul Semiconductor
TWH104-HE SEOUL-TWH104-HE Datasheet
317Kb / 13P
   White color lighting SMD Chip LED
logo
ATMEL Corporation
AT98SC008CT ATMEL-AT98SC008CT Datasheet
1Mb / 18P
   High-tech goods counterfeiting
logo
ETAL Group
BMS01 ETAL-BMS01 Datasheet
733Kb / 6P
   Utility vehicles for hazardous goods
logo
ON Semiconductor
NCP11187A65P45WGEVB ONSEMI-NCP11187A65P45WGEVB Datasheet
8Mb / 28P
   45 W Auxiliary Power Supply for White Goods and Industrial Equipment with NCP11187A65
August, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com