Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5132ISZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5132ISZ
Description  670MHz Low Noise Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5132ISZ Datasheet(HTML) 7 Page - Intersil Corporation

  EL5132ISZ Datasheet HTML 1Page - Intersil Corporation EL5132ISZ Datasheet HTML 2Page - Intersil Corporation EL5132ISZ Datasheet HTML 3Page - Intersil Corporation EL5132ISZ Datasheet HTML 4Page - Intersil Corporation EL5132ISZ Datasheet HTML 5Page - Intersil Corporation EL5132ISZ Datasheet HTML 6Page - Intersil Corporation EL5132ISZ Datasheet HTML 7Page - Intersil Corporation EL5132ISZ Datasheet HTML 8Page - Intersil Corporation EL5132ISZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FIGURE 25. ENABLE TIME
FIGURE 26. DISABLE TIME
FIGURE 27. EQUIVALENT INPUT VOLTAGE NOISE vs
FREQUENCY
FIGURE 28. EQUIVALENT INPUT CURRENT NOISE vs
FREQUENCY
FIGURE 29. SMALL SIGNAL STEP RESPONSE_RISE & FALL
TIME
FIGURE 30. LARGE SIGNAL STEP RESPONSE_RISE & FALL
TIME
Typical Performance Curves (Continued)
-3
-2
-1
0
1
2
3
4
5
6
-400 -200
0
200
400
600
800 1000 1200
TIME (ns)
OUTPUT SIGNAL
ENABLE SIGNAL
VS=±5V
RL=500Ω
VOUT=2Vp-p
-2
-1
0
1
2
3
4
5
6
-1000 -800 -600 -400 -200
0
200
400
600
TIME (ns)
OUTPUT SIGNAL
DISABLE SIGNAL
VS=±5V
RL=500Ω
VOUT=2Vp-p
0.0
0.1
1.0
10.0
100.0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS=±5V
0.1
1.0
10.0
100.0
1000.0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS=±5V
-0.4
-0.2
0.0
0.2
0.4
-40 -20 0
20 40 60 80 100 120 140 160 180
TIME (ns)
TRISE=2.12ns
TFALL=2.02ns
VS=±5V
AV=+10
RG=25Ω
RL=500Ω
CL=+1pF
VOUT=500mV
-2.0
-1.0
0.0
1.0
2.0
-40 -20 0
20 40 60 80 100 120 140 160 180
TIME (ns)
TRISE=2.02ns
TFALL=2.05ns
VS=±5V
AV=+10
RG=25Ω
RL=500Ω
CL=1pF
VOUT=2.0V
EL5132, EL5133


Similar Part No. - EL5132ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5132ISZ INTERSIL-EL5132ISZ Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
EL5132ISZ INTERSIL-EL5132ISZ Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132ISZ RENESAS-EL5132ISZ Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Intersil Corporation
EL5132ISZ-T13 INTERSIL-EL5132ISZ-T13 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
EL5132ISZ-T13 INTERSIL-EL5132ISZ-T13 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
More results

Similar Description - EL5132ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5132_0705 INTERSIL-EL5132_0705 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
5962-0623601QPC INTERSIL-5962-0623601QPC Datasheet
100Kb / 3P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132 RENESAS-EL5132 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Intersil Corporation
EL5132 INTERSIL-EL5132_07 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
EL5131 INTERSIL-EL5131 Datasheet
250Kb / 7P
   500MHz Low Noise Amplifiers
logo
Fairchild Semiconductor
AN-6601 FAIRCHILD-AN-6601 Datasheet
654Kb / 4P
   Low Noise JFET Amplifiers
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com